Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 12 Page - Texas Instruments

Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 8Page - Texas Instruments TSC2102 Datasheet HTML 9Page - Texas Instruments TSC2102 Datasheet HTML 10Page - Texas Instruments TSC2102 Datasheet HTML 11Page - Texas Instruments TSC2102 Datasheet HTML 12Page - Texas Instruments TSC2102 Datasheet HTML 13Page - Texas Instruments TSC2102 Datasheet HTML 14Page - Texas Instruments TSC2102 Datasheet HTML 15Page - Texas Instruments TSC2102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
12
OVERVIEW
The TSC2102 is a highly integrated touch screen controller with stereo audio DAC for portable computing, communication,
and entertainment applications. A register-based architecture eases integration with microprocessor-based systems
through a standard SPI bus. All peripheral functions are controlled through the registers and onboard state machines.
The TSC2102 consists of the following blocks (refer to the block diagram):
D Touch Screen Interface
D Battery Monitors
D Auxiliary Input
D Temperature Monitor
D Audio DAC
Communication with the TSC2102 is via standard SPI serial interface. This interface requires that the slave select signal
be driven low to communicate with the TSC2102. Data is then shifted into or out of the TSC2102 under control of the host
microprocessor, which also provides the serial data clock. Control of the TSC2102 and its functions is accomplished by
writing to different registers in the TSC2102. A simple command protocol is used to address the 16-bit registers. Registers
control the operation of the A/D converter and audio DAC.
Control of the TSC2102 and its functions is accomplished by writing to different registers in the TSC2102. A simple
command protocol is used to address the 16−bit registers. Registers control the operation of the A/D converter and audio
DAC.
The TSC2102 audio serial interface is exclusively used by the stereo DAC and supports four audio interface modes (I2S,
DSP, right justified, and left justified) to receive digital audio data from the host processor.
A typical application of the TSC2102 is shown in Figure 9.
AUX
X+
Y+
X−
Y−
Audio
Auxilary Input
Touch
Screen
R1
R2
V1
V2
C1
C2
HPR
VGND
HPL
VBAT1
VBAT2
VREF
MCLK
LRCK
DIN
BCLK
PINTDAV
MISO
MOSI
SS
MOSI
Master Clock Input
DAC Word Select
Serial Input From CPU/DSP
Serial Clock Input
Pen Interrupt Request to CPU
Serial Output to SPI Master
Serial Input From SPI Master
SPI Slave Select Input
SPI Serial Clock Input
TSC2102
I2S Interface
SPI Interface
V1: Main Battery
V2: Secondary Battery
C1: 1
µF − 10 µF (Optional)
C2: 0.1
µF
R1,R2: 200−300
Ω
Figure 9. Typical Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com