Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2102 Datasheet HTML 1Page - Texas Instruments TSC2102 Datasheet HTML 2Page - Texas Instruments TSC2102 Datasheet HTML 3Page - Texas Instruments TSC2102 Datasheet HTML 4Page - Texas Instruments TSC2102 Datasheet HTML 5Page - Texas Instruments TSC2102 Datasheet HTML 6Page - Texas Instruments TSC2102 Datasheet HTML 7Page - Texas Instruments TSC2102 Datasheet HTML 8Page - Texas Instruments TSC2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
At +25
°C, AVDD,DRVDD,IOVDD = 3.3 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY REQUIREMENTS
Power supply voltage
AVDD
2.7
3.6
V
DRVDD
2.7
3.6
V
IOVDD
2.7
3.6
V
DVDD
1.525
1.95
V
Touch-screen ADC quiescent current
IAVDD, host controlled AUX conversion at
10 ksps with external reference
45
A
Touch-screen ADC quiescent current
IDVDD, host controlled AUX conversion at
10 ksps
65
µA
Analog supply current – Audio play back only
IAVDD + IDRVDD, headphone driver
bypassed, VGND off, PLL off, no signal
2.1
mA
Analog supply current – Audio play back only
IAVDD + IDRVDD, headphone driver and
VGND on, PLL off, no signal
7.1
mA
Digital supply current – Audio play back only
48 ksps, PLL off, no signal
2.2
mA
PLL current
IDRVDD
1
mA
PLL current
IDVDD
0.8
mA
Total current
Hardware power down. All digital inputs at 0 V
or IOVDD.
5
µA
(1) DAC PSRR measurement is calculated as:
PSRR
+ 20 log
10
VSIGsup
V
HPR L
where VSIGsup is the ac signal applied on AVDD, which is 100 mVPP at 1 kHz, and VHPR/L is the peak-to-peak ac signal seen on HPR and HPL
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com