Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 32 Page - Texas Instruments

Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83620 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 28Page - Texas Instruments DP83620 Datasheet HTML 29Page - Texas Instruments DP83620 Datasheet HTML 30Page - Texas Instruments DP83620 Datasheet HTML 31Page - Texas Instruments DP83620 Datasheet HTML 32Page - Texas Instruments DP83620 Datasheet HTML 33Page - Texas Instruments DP83620 Datasheet HTML 34Page - Texas Instruments DP83620 Datasheet HTML 35Page - Texas Instruments DP83620 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Table 5-1. Auto-Negotiation Modes
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
100BASE-TX, Half/Full-Duplex
1
1
0
100BASE-TX Full-Duplex
10BASE-T, Half/Full-Duplex
1
1
1
100BASE-TX, Half/Full-Duplex
5.2.2
Auto-Negotiation Register Control
When Auto-Negotiation is enabled, the DP83620 transmits the abilities programmed into the Auto-
Negotiation Advertisement register (ANAR) at address 04h via FLP Bursts. Any combination of 10 Mb/s,
100 Mb/s, Half-Duplex, and Full Duplex modes may be selected.
Auto-Negotiation Priority Resolution:
1. 100BASE-TX Full Duplex (Highest Priority)
2. 100BASE-TX Half Duplex
3. 10BASE-T Full Duplex
4. 10BASE-T Half Duplex (Lowest Priority)
The Basic Mode Control Register (BMCR) at address 00h provides control for enabling, disabling, and
restarting the Auto-Negotiation process. When Auto-Negotiation is disabled, the SPEED SELECTION bit
in the BMCR controls switching between 10 Mb/s or 100 Mb/s operation, and the DUPLEX MODE bit
controls switching between full duplex operation and half duplex operation. The SPEED SELECTION and
DUPLEX MODE bits have no effect on the mode of operation when the Auto-Negotiation Enable bit is set.
The Link Speed can be examined through the PHY Status Register (PHYSTS) at address 10h after a Link
is achieved.
The Basic Mode Status Register (BMSR) indicates the set of available abilities for technology types, Auto-
Negotiation ability, and Extended Register Capability. These bits are permanently set to indicate the full
functionality of the DP83620 (only the 100BASE-T4 bit is not set since the DP83620 does not support that
function).
The BMSR also provides status on:
•
Whether or not Auto-Negotiation is complete
•
Whether or not the Link Partner is advertising that a remote fault has occurred
•
Whether or not valid link has been established
•
Support for Management Frame Preamble suppression
The Auto-Negotiation Advertisement Register (ANAR) indicates the Auto-Negotiation abilities to be
advertised by the DP83620. All available abilities are transmitted by default, but any ability can be
suppressed by writing to the ANAR. Updating the ANAR to suppress an ability is one way for a
management agent to change (restrict) the technology that is used.
The Auto-Negotiation Link Partner Ability Register (ANLPAR) at address 05h is used to receive the base
link code word as well as all next page code words during the negotiation. Furthermore, the ANLPAR will
be updated to either 0081h or 0021h for parallel detection to either 100 Mb/s or 10 Mb/s respectively.
32
Configuration
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com