Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 49 Page - Texas Instruments

Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83620 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 45Page - Texas Instruments DP83620 Datasheet HTML 46Page - Texas Instruments DP83620 Datasheet HTML 47Page - Texas Instruments DP83620 Datasheet HTML 48Page - Texas Instruments DP83620 Datasheet HTML 49Page - Texas Instruments DP83620 Datasheet HTML 50Page - Texas Instruments DP83620 Datasheet HTML 51Page - Texas Instruments DP83620 Datasheet HTML 52Page - Texas Instruments DP83620 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
The PHY Control Frame may also be used to read a register location. The read value will be returned in a
PHY Status Frame if that function is enabled. Only a single read may be outstanding at any time, so only
one read should be included in a single PHY Control Frame.
The PHY Control Frame block performs the following functions:
•
Parse incoming transmit packets to detect PHY Control Frames
•
Truncate PHY Control Frames to prevent complete frame from reaching the transmit physical medium
•
Buffer up to 15 bytes of the Frame to be intercepted by the PHY with no portion reaching physical
medium
•
Detect commands in the PHY Control Frame and pass them to the register block
•
Check CRC to detect error conditions
•
Report CRC and invalid command errors to the system via register status and/or interrupt
PHY Control Frames can be enabled through the PCF_Enable bit in the PHY Control Frames
Configuration Register (PCFCR). PHY Control Frames can also be enabled by using the PCF_EN strap
option.
6.6
PHY STATUS FRAMES
The DP83620 implements a packet-based status mechanism that allows the PHY to generate status
messages indicating packet buffering errors and to return data read using the PHY Control Frame register
access mechanism.
Each PHY Status Frame may include multiple status messages. The PHY will provide buffering of any
incoming packet to allow the status packet to be passed to the MAC. Programmable inter-frame gap and
preamble length allow the PHY to recover lost bandwidth in the case of heavy receive traffic.
In a PHY Status Frame, status messages are not provided in a chronological order. Instead, they are
provided in the following order of priority:
1. PHY Control Frame Read Data
2. Packet Buffer Error
The packet format may be configured to look like a Layer 2 Ethernet frame or a UDP/IPv4 frame.
Copyright © 2011–2013, Texas Instruments Incorporated
MAC Interface
49
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com