Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 12 Page - Texas Instruments

Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83620 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 8Page - Texas Instruments DP83620 Datasheet HTML 9Page - Texas Instruments DP83620 Datasheet HTML 10Page - Texas Instruments DP83620 Datasheet HTML 11Page - Texas Instruments DP83620 Datasheet HTML 12Page - Texas Instruments DP83620 Datasheet HTML 13Page - Texas Instruments DP83620 Datasheet HTML 14Page - Texas Instruments DP83620 Datasheet HTML 15Page - Texas Instruments DP83620 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
3.10 10 Mb/s AND 100 Mb/s PMD INTERFACE
Signal Name
Pin Name
Type
Pin #
Description
TD-
TD-
I/O
16
Differential common driver transmit output (PMD Output Pair). These
TD+
TD+
17
differential outputs are automatically configured to either 10BASE-T or
100BASE-TX signaling.
In Auto-MDIX mode of operation, this pair can be used as the Receive Input
pair.
In 100BASE-FX mode, this pair becomes the 100BASE-FX Transmit pair.
These pins require 3.3V bias for operation.
RD-
RD-
I/O
13
Differential receive input (PMD Input Pair). These differential inputs are
RD+
RD+
14
automatically configured to accept either 100BASE-TX or 10BASE-T
signaling.
In Auto-MDIX mode of operation, this pair can be used as the Transmit
Output pair.
In 100BASE-FX mode, this pair becomes the 100BASE-FX Receive pair.
These pins require 3.3V bias for operation.
FX_SD
LED_SPEED/FX_S
S, I/O, PU
27
FIBER MODE SIGNAL DETECT: This pin provides the Signal Detect input
D
for 100BASE-FX mode.
3.11 RESERVED PINS
Signal Name
Pin Name
Type
Pin #
Description
RESERVED
RESERVED
I/O
23
RESERVED: These pins are reserved and should not be connected to any
25
external logic or net for most implementations. For JTAG implementations,
36
these pins should be connected to GND (0) or VCC (1) through 2.2 kΩ
37
resistors. These pins should NEVER be connected directly to GND or
VCC.
3.12 POWER SUPPLY PINS
Signal Name
Pin Name
Type
Pin #
Description
ANAVSS
ANAVSS
Ground
18
Analog Ground
ANA33VDD
ANA33VDD
Supply
19
Analog VDD Supply
CD_VSS
CD_VSS
Ground
15
Analog Ground
IO_CORE_VSS
IO_CORE_VSS
Ground
35
Digital Ground
IO_VDD
IO_VDD
Supply
32
I/O VDD Supply
48
IO_VSS
IO_VSS
Ground
47
Digital Ground
VREF
VREF
20
Bias Resistor Connection. A 4.87 k
Ω 1% resistor should be connected from
VREF to GND.
DAP
DAP
No Connect or Connect to GND(1)
(1)
Die Attach Pad (DAP) provides thermal dissipation. Connection to GND plane recommended.
12
Pin Descriptions
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com