Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 13 Page - Texas Instruments

Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83620 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 9Page - Texas Instruments DP83620 Datasheet HTML 10Page - Texas Instruments DP83620 Datasheet HTML 11Page - Texas Instruments DP83620 Datasheet HTML 12Page - Texas Instruments DP83620 Datasheet HTML 13Page - Texas Instruments DP83620 Datasheet HTML 14Page - Texas Instruments DP83620 Datasheet HTML 15Page - Texas Instruments DP83620 Datasheet HTML 16Page - Texas Instruments DP83620 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
4
Electrical Specifications
4.1
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
-0.5 V to 4.2 V
DC Input Voltage (VIN)
-0.5V to VCC + 0.5V
DC Output Voltage (VOUT)
-0.5V to VCC + 0.5V
Storage Temperature (TSTG )
-65°C to 150°C
Maximum Case Temperature for TA = 85 °C
95 °C
Maximum Die Temperature (Tj)
150 °C
ESD Rating
(RZAP = 1.5k, CZAP = 120 pF)
8.0 kV
(1)
Absolute maximum ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the device should be operated at these limits.
(2)
For soldering specifications: see SNOA549.pdf.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
4.2
Recommended Operating Conditions
Analog Supply Voltage (VCC)
3.3 Volts ± 0.3V
3.3 Volts ± 10%
I/O Supply Voltage (VI/O)
or
2.5 Volts ± 5%
Industrial Temperature (TI)
-40 to 85 °C
Power Dissipation (PD) with VI/O = 3.3 V
290 mW
Power Dissipation (PD) with VI/O = 2.5 V
260 mW
4.3
AC and DC Specifications
Thermal Characteristics
Max
Units
Theta Junction to Case (Tjc)
5.0
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0 W
27.5
°C / W
Copyright © 2011–2013, Texas Instruments Incorporated
Electrical Specifications
13
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com