Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 34 Page - Texas Instruments

Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83620 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 30Page - Texas Instruments DP83620 Datasheet HTML 31Page - Texas Instruments DP83620 Datasheet HTML 32Page - Texas Instruments DP83620 Datasheet HTML 33Page - Texas Instruments DP83620 Datasheet HTML 34Page - Texas Instruments DP83620 Datasheet HTML 35Page - Texas Instruments DP83620 Datasheet HTML 36Page - Texas Instruments DP83620 Datasheet HTML 37Page - Texas Instruments DP83620 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
5.3
AUTO-MDIX
When enabled, this function utilizes Auto-Negotiation to determine the proper configuration for
transmission and reception of data and subsequently selects the appropriate MDI pair for MDI/MDIX
operation. The function uses a random seed to control switching of the crossover circuitry. This
implementation
complies
with
the
corresponding
IEEE
802.3
Auto-Negotiation
and
Crossover
Specifications.
Auto-MDIX is enabled by default and can be configured via PHYCR (19h) register, bits [15:14].
Neither Auto-Negotiation nor Auto-MDIX is required to be enabled in forcing crossover of the MDI pairs.
Forced crossover can be achieved through the FORCE_MDIX bit, bit 14 of PHYCR (19h) register.
5.4
AUTO-CROSSOVER IN FORCED MODE
When enabled, this function operates in a manner similar to Auto-MDIX. If no link activity is seen,
switching of the crossover circuitry is based on a random seed. Valid link activity can be link pulses (Auto-
Negotiation link pulse or 10M link pulses) or 100M signaling. Once valid link activity is seen, crossover will
stop to allow the receive and link functions will proceed normally.
Auto-crossover in forced mode allows for shorter link times because it does not require potentially lengthy
Auto-Negotiation transactions prior to link establishment. Link establishment via Auto-crossover can be
accomplished in full or half duplex configuration, but both sides of the link must be forced to the same
duplex configuration.
Auto-crossover in forced mode is disabled by default and must be configured via PCSR (16h) register, bit
15.
Forced crossover can be achieved while Auto-crossover is enabled through the FORCE_MDIX bit, bit 14
of PHYCR (19h) register.
NOTE: Auto-MDIX and Auto-crossover in forced mode are mutually exclusive and should not be enabled
concurrently. Prior to enabling Auto-crossover in forced mode, Auto-Negotiation and Auto-MDIX should be
disabled.
5.5
PHY ADDRESS
The five PHY address strapping pins are shared with the RXD[3:0] pins and COL pin as shown below.
Table 5-2. PHY Address Mapping
Pin #
PHYAD Function
RXD Function
42
PHYAD0
COL
43
PHYAD1
RXD_3
44
PHYAD2
RXD_2
45
PHYAD3
RXD_1
46
PHYAD4
RXD_0
The DP83620 can be set to respond to any of 32 possible PHY addresses via strap pins. The information
is latched into the PHYCR register (address 19h, bits [4:0]) at device power-up and hardware reset. Each
DP83620 or port sharing an MDIO bus in a system must have a unique physical address.
The DP83620 supports PHY Address strapping values 0 (<00000>) through 31 (<11111>). Strapping
PHY Address 0 puts the part into Isolate Mode. It should also be noted that selecting PHY Address 0
via an MDIO write to PHYCR will not put the device in Isolate Mode. See MII Isolate Mode for more
information.
For further detail relating to the latch-in timing requirements of the PHY Address pins, as well as the other
hardware configuration pins, refer to the Reset summary in Reset Operation.
34
Configuration
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com