Electronic Components Datasheet Search
  English  ▼

X  

ISO7840 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO7840
Description  ISO7840x High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7840 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7840 Datasheet HTML 7Page - Texas Instruments ISO7840 Datasheet HTML 8Page - Texas Instruments ISO7840 Datasheet HTML 9Page - Texas Instruments ISO7840 Datasheet HTML 10Page - Texas Instruments ISO7840 Datasheet HTML 11Page - Texas Instruments ISO7840 Datasheet HTML 12Page - Texas Instruments ISO7840 Datasheet HTML 13Page - Texas Instruments ISO7840 Datasheet HTML 14Page - Texas Instruments ISO7840 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
ISO7840, ISO7840F
www.ti.com
SLLSEN2B – JULY 2015 – REVISED APRIL 2016
Product Folder Links: ISO7840 ISO7840F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.13 Electrical Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA; see Figure 11
VCCO – 0.4
VCCO – 0.2
V
VOL
Low-level output voltage
IOL = 1 mA; see Figure 11
0.2
0.4
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 × VCCI
V
IIH
High-level input current
VIH = VCCI at INx or EN2
10
μA
IIL
Low-level input current
VIL = 0 V at INx or EN2
–10
μA
CMTI
Common-mode transient
immunity
VI = VCCI or 0 V, VCM = 1500 V; see Figure 14
100
kV/μs
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.14 Supply Current Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
Supply current
Disable
EN2 = 0 V, VI = 0 V (Devices with suffix
F), VI = VCCI
(1) (Devices without suffix F)
ICC1
1.3
2
mA
ICC2
0.4
0.6
EN2 = 0 V, VI = VCCI
(1) (Devices with
suffix F), VI = 0 V (Devices without suffix
F)
ICC1
6
8.5
mA
ICC2
0.4
0.6
DC signal
VI = 0 V (Devices with suffix F), VI =
VCCI
(1) (Devices without suffix F)
ICC1
1.3
2
mA
ICC2
2.2
3
VI = VCCI
(1) (Devices with suffix F), V
I =
0 V (Devices without suffix F)
ICC1
5.9
8.6
mA
ICC2
2.4
3.3
All channels switching
with square wave clock
input;
CL = 15 pF
1 Mbps
ICC1
3.6
5.3
mA
ICC2
2.5
3.5
10 Mbps
ICC1
3.7
5.3
mA
ICC2
3.5
4.7
100 Mbps
ICC1
4.4
5.7
mA
ICC2
13.9
16.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com