Electronic Components Datasheet Search
  English  ▼

X  

LM20 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM20
Description  LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20 Datasheet(HTML) 1 Page - Texas Instruments

  LM20 Datasheet HTML 1Page - Texas Instruments LM20 Datasheet HTML 2Page - Texas Instruments LM20 Datasheet HTML 3Page - Texas Instruments LM20 Datasheet HTML 4Page - Texas Instruments LM20 Datasheet HTML 5Page - Texas Instruments LM20 Datasheet HTML 6Page - Texas Instruments LM20 Datasheet HTML 7Page - Texas Instruments LM20 Datasheet HTML 8Page - Texas Instruments LM20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM20
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
LM20 2.4-V, 10-µA, SC70, DSBGA Temperature Sensor
1 Features
3 Description
The LM20 is a precision analog output CMOS
1
•
Rated for
−55°C to 130°C Range
integrated-circuit temperature sensor that operates
•
Available in SC70 and DSBGA Package
over
−55°C to 130°C. The power supply operating
•
Predictable Curvature Error
range is 2.4 V to 5.5 V. The transfer function of LM20
is predominately linear, yet has a slight predictable
•
Suitable for Remote Applications
parabolic curvature. The accuracy of the LM20 when
•
Accuracy at 30°C ±1.5 to ±4°C (Maximum)
specified to a parabolic transfer function is ±1.5°C at
•
Accuracy at 130°C and
−55°C ±2.5 to ±5°C
an ambient temperature of 30°C. The temperature
(Maximum)
error increases linearly and reaches a maximum of
±2.5°C at the temperature range extremes. The
•
Power Supply Voltage Range 2.4 V to 5.5 V
temperature range is affected by the power supply
•
Current Drain 10
μA (Maximum)
voltage. At a power supply voltage of 2.7 V to 5.5 V,
•
Nonlinearity ±0.4% (Typical)
the temperature range extremes are 130°C and
•
Output Impedance 160
Ω (Maximum)
−55°C. Decreasing the power supply voltage to 2.4 V
changes the negative extreme to
−30°C, while the
•
Load Regulation
positive extreme remains at 130°C.
0
μA < IL< 16 μA −2.5 mV (Maximum)
The LM20 quiescent current is less than 10
μA.
2 Applications
Therefore, self-heating is less than 0.02°C in still air.
Shutdown capability for the LM20 is intrinsic because
•
Cellular Phones
its inherent low power consumption allows it to be
•
Computers
powered directly from the output of many logic gates
or does not necessitate shutdown.
•
Power Supply Modules
•
Battery Management
Device Information(1)
•
FAX Machines
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Printers
SC70 (5)
2.00 mm × 1.25 mm
LM20
•
HVAC
DSBGA (4)
0.96 mm × 0.96 mm
•
Disk Drives
(1) For all available packages, see the orderable addendum at
•
Appliances
the end of the data sheet.
Simplified Schematic
Output Voltage vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
List of Unclassifed Man...
LM20 ETC-LM20 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 25P
DSBGA Temperature Sensor
More results

Similar Description - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
2.4-V, 10-關A, SC-70 Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
DSBGA Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com