Electronic Components Datasheet Search
  English  ▼

X  

LM20 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM20
Description  LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM20 Datasheet HTML 8Page - Texas Instruments LM20 Datasheet HTML 9Page - Texas Instruments LM20 Datasheet HTML 10Page - Texas Instruments LM20 Datasheet HTML 11Page - Texas Instruments LM20 Datasheet HTML 12Page - Texas Instruments LM20 Datasheet HTML 13Page - Texas Instruments LM20 Datasheet HTML 14Page - Texas Instruments LM20 Datasheet HTML 15Page - Texas Instruments LM20 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LM20
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
www.ti.com
Typical Applications (continued)
(6)
An alternative to the quadratic equation a second order transfer function can be determined using the least-
squares method:
T = (
−2.3654×VO
2) + (−78.154×V
O ) + 153.857
where
•
T is temperature express in °C and VO is the output voltage expressed in volts.
(7)
A linear transfer function can be used over a limited temperature range by calculating a slope and offset that give
best results over that range. A linear transfer function can be calculated from the parabolic transfer function of
the LM20. The slope of the linear transfer function can be calculated using the Equation 8 equation:
m =
−7.76 × 10
−6× T − 0.0115,
where
•
T is the middle of the temperature range of interest and m is in V/°C.
(8)
For example for the temperature range of TMIN = −30 to TMAX = 100°C:
T = 35°C
(9)
and
m =
−11.77 mV/°C
(10)
The offset of the linear transfer function can be calculated using the Equation 11 equation:
b = (VOP(TMAX) + VOP(T) − m × (TMAX+T))/2
where
•
VOP(TMAX) is the calculated output voltage at TMAX using the parabolic transfer function for VO
•
VOP(T) is the calculated output voltage at T using the parabolic transfer function for VO.
(11)
The best fit linear transfer function for many popular temperature ranges was calculated in Table 3. As shown in
Table 3, the error introduced by the linear transfer function increases with wider temperature ranges.
Table 3. First Order Equations Optimized for Different Temperature Ranges
Temperature Range
Maximum Deviation of Linear
Linear Equation
Equation from Parabolic Equation (°C)
Tmin (°C)
Tmax (°C)
−55
130
VO = −11.79 mV/°C × T + 1.8528 V
±1.41
−40
110
VO = −11.77 mV/°C × T + 1.8577 V
±0.93
−30
100
VO = −11.77 mV/°C × T + 1.8605 V
±0.70
-40
85
VO = −11.67 mV/°C × T + 1.8583 V
±0.65
−10
65
VO = −11.71 mV/°C × T + 1.8641 V
±0.23
35
45
VO = −11.81 mV/°C × T + 1.8701 V
±0.004
20
30
VO = –11.69 mV/°C × T + 1.8663 V
±0.004
12
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com