Electronic Components Datasheet Search
  English  ▼

X  

LM20 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM20
Description  LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM20 Datasheet HTML 6Page - Texas Instruments LM20 Datasheet HTML 7Page - Texas Instruments LM20 Datasheet HTML 8Page - Texas Instruments LM20 Datasheet HTML 9Page - Texas Instruments LM20 Datasheet HTML 10Page - Texas Instruments LM20 Datasheet HTML 11Page - Texas Instruments LM20 Datasheet HTML 12Page - Texas Instruments LM20 Datasheet HTML 13Page - Texas Instruments LM20 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LM20
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM20 features make it suitable for many general temperature sensing applications. Multiple package options
expand on its, flexibility.
8.1.1 Capacitive Loads
The LM20 handles capacitive loading well. Without any precautions, the LM20 can drive any capacitive load less
than 300 pF as shown in Figure 2. Over the specified temperature range the LM20 has a maximum output
impedance of 160
Ω. In an extremely noisy environment, it may be necessary to add some filtering to minimize
noise pickup. It is recommended that 0.1
μF be added from V+ to GND to bypass the power supply voltage, as
shown in Figure 4. In a noisy environment, it may even be necessary to add a capacitor from the output to
ground with a series resistor as shown in Figure 4. A 1-
μF output capacitor with the 160-Ω maximum output
impedance and a 200-
Ω series resistor will form a 442-Hz lowpass filter. Because the thermal time constant of
the LM20 is much slower, the overall response time of the LM20 will not be significantly affected.
In situations where a transient load current is placed on the circuit output the series resistance value may be
increased to compensate for any ringing that may be observed.
Figure 2. LM20 No Decoupling Required for Capacitive Loads Less Than 300 pF
Table 2. Capacitive Loading Isolation
Minimum R (
Ω)
C (µF)
200
1
470
0.1
680
0.01
1 k
0.001
Figure 3. LM20 With Compensation for Capacitive Loading Greater Than 300 pF
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com