Electronic Components Datasheet Search
  English  ▼

X  

LM20146 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM20146
Description  LM20146 6A, Adjustable Frequency Synchronous Buck Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20146 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM20146 Datasheet HTML 17Page - Texas Instruments LM20146 Datasheet HTML 18Page - Texas Instruments LM20146 Datasheet HTML 19Page - Texas Instruments LM20146 Datasheet HTML 20Page - Texas Instruments LM20146 Datasheet HTML 21Page - Texas Instruments LM20146 Datasheet HTML 22Page - Texas Instruments LM20146 Datasheet HTML 23Page - Texas Instruments LM20146 Datasheet HTML 24Page - Texas Instruments LM20146 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
500 LPFM
200 LFPM
No Air Flow
LM20146
www.ti.com
SNVS563C – FEBRUARY 2008 – REVISED APRIL 2013
To obtain an estimate of the device junction temperature, one may use the following relationship:
TJ = PDθJA + TA
(14)
and
PD = PIN x (1 - Efficiency) - 1.1 x IOUT2 x DCR
where
•
TJ is the junction temperature in °C
•
PIN is the input power in Watts (PIN = VIN x IIN)
•
θJA is the junction to ambient thermal resistance for the LM20146
•
TA is the ambient temperature in °C
•
IOUT is the output load current
•
DCR is the inductor series resistance
(15)
It is important to always keep the operating junction temperature (TJ) below 125°C for reliable operation. If the
junction temperature exceeds 160°C the device will cycle in and out of thermal shutdown. If thermal shutdown
occurs it is a sign of inadequate heatsinking or excessive power dissipation in the device.
Figure 36, shown below, provides a better approximation of the
θJA for a given PCB copper area on a 4 layer
board. The PCB heatsink area consists of 2oz. copper located on the bottom layer of the PCB directly under the
HTSSOP exposed pad. The bottom copper area is connected to the HTSSOP exposed pad by means of a 4 x 4
array of 12 mil thermal vias.
Figure 36. Thermal Resistance vs PCB Area
PCB Layout Considerations
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter resulting in poor regulation or instability.
Good layout can be implemented by following a few simple design rules.
1. Minimize area of switched current loops. In a buck regulator there are two loops where currents are switched
rapidly. The first loop starts from the input capacitor, to the regulator VIN pin, to the regulator SW pin, to the
inductor then out to the output capacitor and load. The second loop starts from the output capacitor ground, to
the regulator PGND pins, to the inductor and then out to the load (see Figure 37). To minimize both loop areas
the input capacitor should be placed as close as possible to the PVIN pin. Grounding for both the input and
output capacitor should consist of a small localized top side plane that connects to PGND and the die attach pad
(DAP). The inductor should be placed as close as possible to the SW pin and output capacitor.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM20146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com