Electronic Components Datasheet Search
  English  ▼

X  

LM20146 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM20146
Description  LM20146 6A, Adjustable Frequency Synchronous Buck Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20146 Datasheet(HTML) 3 Page - Texas Instruments

  LM20146 Datasheet HTML 1Page - Texas Instruments LM20146 Datasheet HTML 2Page - Texas Instruments LM20146 Datasheet HTML 3Page - Texas Instruments LM20146 Datasheet HTML 4Page - Texas Instruments LM20146 Datasheet HTML 5Page - Texas Instruments LM20146 Datasheet HTML 6Page - Texas Instruments LM20146 Datasheet HTML 7Page - Texas Instruments LM20146 Datasheet HTML 8Page - Texas Instruments LM20146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM20146
www.ti.com
SNVS563C – FEBRUARY 2008 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Voltages from the indicated pins to GND
AVIN, PVIN, EN, PGOOD, SS/TRK, COMP, FB, RT
-0.3V to +6V
Storage Temperature
-65°C to 150°C
Junction Temperature
150°C
Power Dissipation(3)
2.6W
Lead Temperature (Soldering, 10 sec)
260°C
Minimum ESD Rating(4)
±2kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ_MAX, the junctions-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD_MAX = (TJ_MAX – TA)/θJA. The maximum power dissipations of 2.6W is determined using TA = 25°C, θJA = 25°C/W, and TJ_MAX
= 125°C. The
θJA specification of 25°C/W listed in the electrical characteristics table is measured with the part surface mounted to a 2" x
2" FR4 4 layer board. See Figure 36 for more detailed
θJA information.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor to each pin.
Operating Ratings
PVIN, AVIN to GND
2.95V to 5.5V
Junction Temperature
−40°C to + 125°C
Electrical Characteristics
Unless otherwise stated, the following conditions apply: AVIN = PVIN = VIN = 5V. Limits in standard type are for TJ = 25°C
only, limits in bold face type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits
are specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at
TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VFB
Feedback pin voltage
VIN = 2.95V to 5.5V
0.788
0.8
0.81
V
2
ΔVOUT/ΔIOUT
Load Regulation
IOUT = 100 mA to 6A
0.08
%/A
ICL
Switch Current Limit Threshold
VIN = 3.3V
7.35
8.5
9.35
A
RDS_ON
High-Side Switch On Resistance
ISW = 3.5A
20
27
m
Ω
RDS_ON
Low-Side Switch On Resistance
ISW = 3.5A
16
23
m
Ω
IQ
Operating Quiescent Current
Non-switching, VFB = VCOMP
3.5
6
mA
ISD
Shutdown Quiescent current
VEN = 0V
75
180
µA
VUVLO
VIN Under Voltage Lockout
Rising VIN
2.45
2.7
2.95
V
VUVLO_HYS
VIN Under Voltage Lockout Hysteresis
Falling VIN
45
100
mV
VVCC
VCC Voltage
IVCC = 0 µA
2.45
2.7
2.95
V
ISS
Soft-Start Pin Source Current
VSS/TRK = 0V
2
4.5
7
µA
VTRACK
SS/TRK Accuracy, VSS - VFB
VSS/TRK = 0.4V
-10
3
15
mV
Oscillator
FOSCH
Oscillator Frequency
RT = 49.9 kΩ
675
750
825
kHz
FOSCL
Oscillator Frequency
RT = 249 kΩ
225
260
290
kHz
DCMAX
Maximum Duty Cycle
ILOAD = 0A
85
%
TON_TIME
Minimum On Time
100
ns
TCL_BLANK
Current Sense Blanking Time
After Rising VSW
80
ns
Error Amplifier and Modulator
IFB
Feedback pin bias current
VFB = 0.8V
1
100
nA
ICOMP_SRC
COMP Output Source Current
VFB = 0.6V, VCOMP = 0.5V
80
100
µA
ICOMP_SNK
COMP Output Sink Current
VFB = 1.0V, VCOMP = 0.6V
80
100
µA
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM20146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com