Electronic Components Datasheet Search
  English  ▼

X  

LM20146 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM20146
Description  LM20146 6A, Adjustable Frequency Synchronous Buck Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20146 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM20146 Datasheet HTML 4Page - Texas Instruments LM20146 Datasheet HTML 5Page - Texas Instruments LM20146 Datasheet HTML 6Page - Texas Instruments LM20146 Datasheet HTML 7Page - Texas Instruments LM20146 Datasheet HTML 8Page - Texas Instruments LM20146 Datasheet HTML 9Page - Texas Instruments LM20146 Datasheet HTML 10Page - Texas Instruments LM20146 Datasheet HTML 11Page - Texas Instruments LM20146 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
VOUT (500 mV/DIV)
RLOAD = 1.2
Ö
RFB1 = 0
Ö
VSS/TRK (500 mV/DIV)
TIME (4 ms/DIV)
VEN (1V/DIV)
VOUT (500 mV/DIV)
RLOAD = 1.2Ö
TIME (200 és/DIV)
VOUT (500 mV/DIV)
RLOAD = 1.2
Ö
VEN (5V/DIV)
CSS/TRK = None
CSS/TRK = 33 nF
CSS/TRK = 68 nF
TIME (2 ms/DIV)
VOUT (50 mV/DIV)
VIN (1V/DIV)
TIME (100 és/DIV)
VIN (3V to 5V)
LM20146
SNVS563C – FEBRUARY 2008 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: CIN = COUT = 100µF, L = 1.0µH (TDK SPM6530T-1R0M120), VIN = 5V, VOUT = 1.2V, RLOAD =
1.2
Ω, fSW = 500 kHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Line Transient Response
Start-Up (Soft-Start)
Figure 20.
Figure 21.
Start-Up (Tracking)
Power Down
Figure 22.
Figure 23.
Short Circuit Input Current
PGOOD
vs.
vs.
VIN
IPGOOD
Figure 24.
Figure 25.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM20146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com