Electronic Components Datasheet Search
  English  ▼

X  

LM20146 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM20146
Description  LM20146 6A, Adjustable Frequency Synchronous Buck Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20146 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM20146 Datasheet HTML 3Page - Texas Instruments LM20146 Datasheet HTML 4Page - Texas Instruments LM20146 Datasheet HTML 5Page - Texas Instruments LM20146 Datasheet HTML 6Page - Texas Instruments LM20146 Datasheet HTML 7Page - Texas Instruments LM20146 Datasheet HTML 8Page - Texas Instruments LM20146 Datasheet HTML 9Page - Texas Instruments LM20146 Datasheet HTML 10Page - Texas Instruments LM20146 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
VOUT (100 mV/DIV)
IOUT (2A/DIV)
TIME (100 é
s/DIV)
IOUT (600 mA to 6A)
LM20146
www.ti.com
SNVS563C – FEBRUARY 2008 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: CIN = COUT = 100µF, L = 1.0µH (TDK SPM6530T-1R0M120), VIN = 5V, VOUT = 1.2V, RLOAD =
1.2
Ω, fSW = 500 kHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Enable Threshold
UVLO Threshold
vs.
vs.
Temperature (TJ)
Temperature (TJ)
Figure 14.
Figure 15.
Peak Current Limit
Peak Current Limit
vs.
vs.
Temperature (TJ)
VOUT
Figure 16.
Figure 17.
Peak Current Limit
vs.
VIN
Load Transient Response
Figure 18.
Figure 19.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM20146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com