Electronic Components Datasheet Search
  English  ▼

X  

LM5010 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5010
Description  LM5010 High-Voltage 1-A Step-Down Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5010 Datasheet HTML 13Page - Texas Instruments LM5010 Datasheet HTML 14Page - Texas Instruments LM5010 Datasheet HTML 15Page - Texas Instruments LM5010 Datasheet HTML 16Page - Texas Instruments LM5010 Datasheet HTML 17Page - Texas Instruments LM5010 Datasheet HTML 18Page - Texas Instruments LM5010 Datasheet HTML 19Page - Texas Instruments LM5010 Datasheet HTML 20Page - Texas Instruments LM5010 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ESR(min) =
R2 x IOR(min)
25 mV x (R1 + R2)
= 2.8:
IOR(min) =
L1MAX x FS(max) x VIN(min)
VOUT1 x (VIN(min) - VOUT1)
120 PH x 772 kHz x 15V
10V x (15V - 10V)
= 36 mA
=
IOR(max) =
80 PH x 463 kHz x 75V
10V x (75V - 10V)
= 234 mAp-p
IOR(max) =
L1MIN x FS(min) x VIN(max)
VOUT1 x (VIN(max) - VOUT1)
L1 =
0.30A x 463 kHz x 75V
10V x (75V - 10V)
= 63 PH
L1 =
IOR x FS(min) x VIN(max)
VOUT1 x (VIN(max) - VOUT1)
17
LM5010
www.ti.com
SNVS307G – SEPTEMBER 2004 – REVISED APRIL 2016
Product Folder Links: LM5010
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
where
•
FS(min) is the minimum frequency (FS - 25%)
(9)
(10)
Equation 10 provides the minimum value for inductor L1. When selecting an inductor, use a higher standard
value (100 uH). L1 must be rated for the peak current (IPK+) to prevent saturation. The peak current occurs at
maximum load current with maximum ripple. The maximum ripple is calculated by rearranging Equation 9 using
VIN(max), FS(min), and the minimum inductor value, based on the manufacturer’s tolerance. Assume for
Equation 11, Equation 12, and Equation 13 that the inductor’s tolerance is ±20%.
(11)
(12)
IPK+ = 1 A + 0.234 A / 2 = 1.117 A
(13)
8.2.2.1.4
RCL
Since it is obvious that the lower peak of the inductor current waveform does not exceed 1 A at maximum load
current (see Figure 13), it is not necessary to increase the current limit threshold. Therefore RCL is not needed for
this exercise. For applications where the lower peak exceeds 1 A, see Increasing The Current Limit Threshold.
8.2.2.1.5
C2 and R3
Since the LM5010 requires a minimum of 25 mVP-P of ripple at the FB pin for proper operation, the required ripple
at VOUT1 is increased by R1 and R2. This necessary ripple is created by the inductor ripple current acting on C2’s
ESR + R3. First, determine the minimum ripple current with Equation 14.
(14)
The minimum ESR for C2 is then equal to Equation 15.
(15)
If the capacitor used for C2 does not have sufficient ESR, R3 is added in series as shown in Figure 12. C2
should generally be no smaller than 3.3 µF, although that is dependent on the frequency and the allowable ripple
amplitude at VOUT1. Experimentation is usually necessary to determine the minimum value for C2, as the nature
of the load may require a larger value. A load which creates significant transients requires a larger value for C2
than a non-varying load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com