Electronic Components Datasheet Search
  English  ▼

X  

LM5010 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5010
Description  LM5010 High-Voltage 1-A Step-Down Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5010 Datasheet HTML 17Page - Texas Instruments LM5010 Datasheet HTML 18Page - Texas Instruments LM5010 Datasheet HTML 19Page - Texas Instruments LM5010 Datasheet HTML 20Page - Texas Instruments LM5010 Datasheet HTML 21Page - Texas Instruments LM5010 Datasheet HTML 22Page - Texas Instruments LM5010 Datasheet HTML 23Page - Texas Instruments LM5010 Datasheet HTML 24Page - Texas Instruments LM5010 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
0
20
40
60
80
VIN (V)
0
50
100
150
200
250
300
350
0
20
40
60
80
VIN (V)
700
600
500
400
300
0
200
400
600
800
_ 1000
0
20
40
60
80
_
100
LOAD CURRENT (mA)
VIN = 15V
24V
48V
75V
IOUT = 300mA
VIN (V)
0
20
40
60
80
0
20
40
60
80
100
21
LM5010
www.ti.com
SNVS307G – SEPTEMBER 2004 – REVISED APRIL 2016
Product Folder Links: LM5010
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 14. Efficiency vs VIN
Figure 15. Efficiency vs Load Current and VIN
Figure 16. Output Voltage Ripple vs VIN
Figure 17. Frequency vs VIN
8.3 Do's and Don'ts
A minimum load current of 1 mA is required to maintain proper operation. If the load current falls below that level,
the bootstrap capacitor can discharge during the long OFF-time and the circuit either shuts down or cycles ON
and OFF at a low frequency. If the load current is expected to drop below 1 mA in the application, choose the
feedback resistors to be low enough in value to provide the minimum required current at nominal VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com