Electronic Components Datasheet Search
  English  ▼

X  

LM5010 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5010
Description  LM5010 High-Voltage 1-A Step-Down Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5010 Datasheet HTML 8Page - Texas Instruments LM5010 Datasheet HTML 9Page - Texas Instruments LM5010 Datasheet HTML 10Page - Texas Instruments LM5010 Datasheet HTML 11Page - Texas Instruments LM5010 Datasheet HTML 12Page - Texas Instruments LM5010 Datasheet HTML 13Page - Texas Instruments LM5010 Datasheet HTML 14Page - Texas Instruments LM5010 Datasheet HTML 15Page - Texas Instruments LM5010 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
'I =
(VIN - VOUT) x tON
L1
tON =
1.18 x 10
-10 x (RON + 1.4k)
VIN - 1.4V
+ 67 ns
12
LM5010
SNVS307G – SEPTEMBER 2004 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM5010
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Overvoltage Comparator
The feedback voltage at FB is compared to an internal 2.9-V reference. If the voltage at FB rises above 2.9 V,
the ON-time is immediately terminated. This condition can occur if the input voltage or the output load changes
suddenly. The buck switch will not turn on again until the voltage at FB falls below 2.5 V.
7.3.5 ON-Time Control
The ON-time of the internal switch (see Figure 4) is determined by the RON resistor and the input voltage (VIN),
calculated with Equation 5.
(5)
The inverse relationship of tON vs VIN results in a nearly constant frequency as VIN is varied. If the application
requires a high frequency, the minimum value for tON, and consequently RON, is limited by the OFF-time (265 ns,
±15%) which limits the maximum duty cycle at minimum VIN. The tolerance for Equation 5 is ±25%. Frequencies
in excess of 1 MHz are possible with the LM5010.
7.3.6 Current Limit
Current limit detection occurs during the OFF-time by monitoring the recirculating current through the free-
wheeling diode (D1). The detection threshold is 1.25 A, ±0.25 A. Referring to Functional Block Diagram, when
the buck switch is off the inductor current flows through the load, into SGND, through the sense resistor, out of
ISEN and through D1. If that current exceeds the threshold the current limit comparator output switches to delay
the start of the next ON-time period. The next ON-time starts when the current out of ISEN is below the threshold
and the voltage at FB is below 2.5 V. If the overload condition persists causing the inductor current to exceed the
threshold during each ON-time, that is detected at the beginning of each OFF-time. The operating frequency is
lower due to longer-than-normal OFF-times.
Figure 10 illustrates the inductor current waveform. During normal operation the load current is IO, the average of
the ripple waveform. When the load resistance decreases the current ratchets up until the lower peak attempts to
exceed the threshold. During the Current Limited portion of Figure 10, the current ramps down to the threshold
during each OFF-time, initiating the next ON-time (assuming the voltage at FB is < 2.5 V). During each ON-time
the current ramps up an amount equal to Equation 6.
(6)
During this time the LM5010 is in a constant current mode, with an average load current (IOCL) equal to the
threshold +
ΔI / 2.
The valley current limit technique allows the load current to exceed the current limit threshold as long as the
lower peak of the inductor current is less than the threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com