Electronic Components Datasheet Search
  English  ▼

X  

LM5010 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5010
Description  LM5010 High-Voltage 1-A Step-Down Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5010 Datasheet HTML 9Page - Texas Instruments LM5010 Datasheet HTML 10Page - Texas Instruments LM5010 Datasheet HTML 11Page - Texas Instruments LM5010 Datasheet HTML 12Page - Texas Instruments LM5010 Datasheet HTML 13Page - Texas Instruments LM5010 Datasheet HTML 14Page - Texas Instruments LM5010 Datasheet HTML 15Page - Texas Instruments LM5010 Datasheet HTML 16Page - Texas Instruments LM5010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Threshold
IPK
'I
IOCL
IO
Load Current
Increases
Normal Operation
Current Limited
13
LM5010
www.ti.com
SNVS307G – SEPTEMBER 2004 – REVISED APRIL 2016
Product Folder Links: LM5010
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 10. Inductor Current, Current Limit Operation
The current limit threshold can be increased by connecting an external resistor (RCL) between SGND and ISEN. The
external resistor typically is less than 1
Ω, and its calculation is explained in Application and Implementation.
The peak current out of SW and ISEN must not exceed 3.5 A. The average current out of SW must be less than
3 A, and the average current out of ISEN must be less than 2 A.
7.3.7 Soft Start
The soft-start feature allows the converter to gradually reach a steady-state operating point, thereby reducing
start-up stresses and current surges. Upon turnon, after VCC reaches the undervoltage threshold (t1 in Figure 7),
an internal 11.5-µA current source charges the external capacitor at the soft-start pin to 2.5 V (t2 in Figure 7).
The ramping voltage at SS (and at the non-inverting input of the regulation comparator) ramps up the output
voltage in a controlled manner. This feature keeps the load current from going to current limit during start-up,
thereby reducing inrush currents.
An internal switch grounds the soft-start pin if VCC is below the undervoltage lockout threshold, if a thermal
shutdown occurs, or if the circuit is shutdown using the RON/SD pin.
7.3.8 N-Channel Buck Switch and Driver
The LM5010 integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current through the buck switch must not be allowed to exceed 3.5 A, and the average current must be less than
3 A. The gate driver circuit is powered by the external bootstrap capacitor between BST and SW (C4). During
each OFF-time, the SW pin is at approximately –1 V, and C4 is recharged from VCC through the internal high
voltage diode. The minimum OFF-time of 265 ns ensures a minimum time each cycle to recharge the bootstrap
capacitor. TI recommends a 0.022-µF ceramic capacitor for C4.
7.3.9 Thermal Shutdown
The LM5010 should be operated so the junction temperature does not exceed 125°C. If the junction temperature
increases above that, an internal Thermal Shutdown circuit activates (typically) at 175°C, taking the controller to
a low-power reset state by disabling the buck switch and the ON timer, and grounding the soft-start pin. This
feature helps prevent catastrophic failures from accidental device overheating. When the junction temperature
reduces below 155°C (typical hysteresis = 20°C), the softstart pin is released and normal operation resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com