Electronic Components Datasheet Search
  English  ▼

X  

LM34919BTL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM34919BTL/NOPB
Description  LM34919B Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34919BTL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM34919BTL/NOPB Datasheet HTML 9Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 10Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 11Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 12Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 13Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 14Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 15Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 16Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
tON =
VIN - 1.5V
0.565 x 10
-10
x(RON + 1.4 k:)
+ 55 ns
FB
SW
L1
C2
R1
R2
R3
LM34919B
BST
VCC
D2
C3
C4
D1
ISEN
SGND
VOUT
LM34919B
LM34919B-Q1
www.ti.com
SNVS623B – MAY 2010 – REVISED JULY 2013
Startup Regulator, VCC
The start-up regulator is integral to the LM34919B. The input pin (VIN) can be connected directly to line voltage
up to 40V, with transient capability to 44V. The VCC output regulates at 7.0V, and is current limited at 15 mA.
Upon power up, the regulator sources current into the external capacitor at VCC (C3). When the voltage on the
VCC pin reaches the under-voltage lockout threshold of 5.25V, the buck switch is enabled and the Softstart pin is
released to allow the Softstart capacitor (C6) to charge up.
The minimum input voltage is determined by the VCC UVLO falling threshold (≊5.1V). When VCC falls below the
falling threshold the VCC UVLO activates to shut off the output. If VCC is externally loaded, the minimum input
voltage increases.
To reduce power dissipation in the startup regulator, an auxiliary voltage can be diode connected to the VCC pin.
Setting the auxiliary voltage to between 7V and 14V shuts off the internal regulator, reducing internal power
dissipation. The sum of the auxiliary voltage and the input voltage (VCC + VIN) cannot exceed 52V. Internally, a
diode connects VCC to VIN (see Figure 26).
Figure 26. Self Biased Configuration
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the Softstart pin (2.5V). In normal operation (the output
voltage is regulated), an on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch
stays on for the programmed on-time, causing the FB voltage to rise above 2.5V. After the on-time period, the
buck switch stays off until the FB voltage falls below 2.5V. Input bias current at the FB pin is less than 100 nA
over temperature.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.9V reference. If the voltage at FB rises above 2.9V the on-time
pulse is immediately terminated. This condition can occur if the input voltage or the output load changes
suddenly, or if the inductor (L1) saturates. The buck switch remains off until the voltage at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time is determined by the RON resistor and the input voltage (VIN), and is calculated from:
(5)
The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. To set a specific
continuous conduction mode switching frequency (FS), the RON resistor is determined from the following:
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM34919B LM34919B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com