Electronic Components Datasheet Search
  English  ▼

X  

LM34919BTL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM34919BTL/NOPB
Description  LM34919B Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34919BTL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM34919BTL/NOPB Datasheet HTML 1Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 2Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 3Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 4Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 5Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 6Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 7Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 8Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM34919B
LM34919B-Q1
SNVS623B – MAY 2010 – REVISED JULY 2013
www.ti.com
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12V, RON = 20 kΩ. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator, VCC
VCCReg
VCC regulated output
VIN = 12V
6.6
7
7.4
V
VIN =6V, ICC = 3 mA,
5.3
5.91
VIN-VCC dropout voltage
ICC = 0 mA, non-switching
20
mV
VCC = UVLOVCC + 250 mV
VCC Output Impedance
0 mA
≤ ICC ≤ 5 mA, VIN = 6V
24
Ω
0 mA
≤ ICC ≤ 5 mA, VIN = 8V
12
VCC current limit
(2)
VCC = 0V
15
mA
UVLOVCC
VCC under-voltage lockout threshold
VCC increasing
5.25
V
measured at VCC
VCC decreasing
5.1
5.25
V
UVLOVCC hysteresis, at VCC
150
mV
VCC under-voltage lock-out threshold
VIN increasing, ICC = 3 mA
5.25
5.6
V
measured at VIN
VIN decreasing, ICC = 3 mA
5.1
5.4
V
UVLOVCC filter delay
100 mV overdrive
3
µs
IQ
IIN operating current
Non-switching, FB = 3V, SW = Open
0.78
1.0
mA
ISD
IIN shutdown current
RON/SD = 0V, SW = Open
215
330
µA
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
ITEST = 200 mA
0.5
1.0
Ω
UVLOGD
Gate Drive UVLO
VBST - VSW Increasing
2.65
3.6
4.40
V
VBST - VSW Decreasing
3.2
UVLOGD hysteresis
400
mV
Softstart Pin
VSS
Pull-up voltage
2.5
V
Internal current source
VSS = 1V
10.5
µA
Current Limit
ILIM
Threshold
Current out of ISEN
0.52
0.64
0.76
A
Resistance from ISEN to SGND
135
m
Ω
Response time
50
ns
On Timer
tON - 1
On-time
VIN = 12V, RON = 20kΩ
127
170
213
ns
tON - 2
On-time
VIN = 24V, RON = 20 kΩ
110
ns
tON - 3
On-time
VIN = 6V, RON = 20 kΩ
335
ns
Shutdown threshold
Voltage at RON/SD rising
0.4
0.74
1.2
V
Threshold hysteresis
Voltage at RON/SD
40
mV
Off Timer
tOFF
Minimum Off-time
VIN = 6V, ICC = 3mA
60
88
120
ns
VIN = 8V, ICC = 3mA
58
82
118
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB regulation threshold
SS pin = steady state
2.440
2.5
2.550
V
FB over-voltage threshold
2.9
V
FB bias current
FB = 3V
1
nA
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM34919B LM34919B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com