Electronic Components Datasheet Search
  English  ▼

X  

LM34919BTL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM34919BTL/NOPB
Description  LM34919B Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34919BTL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM34919BTL/NOPB Datasheet HTML 1Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 2Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 3Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 4Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 5Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 6Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 7Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 8Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
D3
D2
D1
C3
C1
B3
B1
A3
A2
A1
SW
RTN
BST
VCC
SS
FB
VIN
ISEN
SGND
RON/SD
D1
D2
D3
C1
C3
B1
B3
A1
A2
A3
LM34919B
LM34919B-Q1
SNVS623B – MAY 2010 – REVISED JULY 2013
www.ti.com
Connection Diagram
Figure 1. Bump Side
Figure 2. Top View
Pin Descriptions
Pin No.
Name
Description
Application Information
A1
RON/SD
On-time control and
An external resistor from VIN to this pin sets the buck switch on-time.
shutdown
Grounding this pin shuts down the regulator.
A2
RTN
Circuit Ground
Ground for all internal circuitry other than the current limit detection.
A3
FB
Feedback input from
Internally connected to the regulation and over-voltage comparators. The
the regulated output
regulation level is 2.5V.
B1
SGND
Sense Ground
Re-circulating current flows into this pin to the current sense resistor.
B3
SS
Softstart
An internal current source charges an external capacitor to 2.5V, providing the
softstart function.
C1
ISEN
Current sense
The re-circulating current flows through the internal sense resistor, and out of
this pin to the free-wheeling diode. Current limit is nominally set at 0.64A.
C3
VCC
Output from the startup Nominally regulated at 7.0V. An external voltage (7V-14V) can be applied to
regulator
this pin to reduce internal dissipation. An internal diode connects VCC to VIN.
D1
VIN
Input supply voltage
Nominal input range is 6.0V to 40V.
D2
SW
Switching Node
Internally connected to the buck switch source. Connect to the inductor, free-
wheeling diode, and bootstrap capacitor.
D3
BST
Boost pin for bootstrap
Connect a 0.022 µF capacitor from SW to this pin. The capacitor is charged
capacitor
from VCC via an internal diode during each off-time.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM34919B LM34919B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com