Electronic Components Datasheet Search
  English  ▼

X  

LM34919BTL/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM34919BTL/NOPB
Description  LM34919B Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34919BTL/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM34919BTL/NOPB Datasheet HTML 13Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 14Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 15Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 16Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 17Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 18Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 19Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 20Page - Texas Instruments LM34919BTL/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
C6 =
t2 x 10.5 PA
2.5V
= 0.021 PF
C1 =
IOUT (max) x tON
'V
= 0.5 PF
LM34919B
LM34919B-Q1
www.ti.com
SNVS623B – MAY 2010 – REVISED JULY 2013
A standard value 0.27
Ω resistor is used for R3 to allow for tolerances. C2 should generally be no smaller than
3.3 µF, although that is dependent on the frequency and the desired output characteristics. C2 should be a low
ESR good quality ceramic capacitor. Experimentation is usually necessary to determine the minimum value for
C2, as the nature of the load may require a larger value. A load which creates significant transients requires a
larger value for C2 than a non-varying load.
C1 and C5: C1’s purpose is to supply most of the switch current during the on-time, and limit the voltage ripple
at VIN, on the assumption that the voltage source feeding VIN has an output impedance greater than zero.
At maximum load current, when the buck switch turns on, the current into VIN suddenly increases to the lower
peak of the inductor’s ripple current, ramps up to the upper peak, then drops to zero at turn-off. The average
current during the on-time is the load current. For a worst case calculation, C1 must supply this average load
current during the maximum on-time, without letting the voltage at VIN drop more than 0.5V. The minimum value
for C1 is calculated from:
(14)
where tON is the maximum on-time, and ΔV is the allowable ripple voltage (0.5V). C5’s purpose is to minimize
transients and ringing due to long lead inductance leading to the VIN pin. A low ESR, 0.1 µF ceramic chip
capacitor must be located close to the VIN and RTN pins.
C3: The capacitor at the VCC pin provides noise filtering and stability for the VCC regulator. C3 should be no
smaller than 0.1 µF, and should be a good quality, low ESR, ceramic capacitor. C3’s value, and the VCC current
limit, determine a portion of the turn-on-time (t1 in Figure 25).
C4: The recommended value for C4 is 0.022 µF. A high quality ceramic capacitor with low ESR is recommended
as C4 supplies a surge current to charge the buck switch gate at each turn-on. A low ESR also helps ensure a
complete recharge during each off-time.
C6: The capacitor at the SS pin determines the softstart time, i.e. the time for the output voltage, to reach its final
value (t2 in Figure 25). The capacitor value is determined from the following:
(15)
D1: A Schottky diode is recommended. Ultra-fast recovery diodes are not recommended as the high speed
transitions at the SW pin may inadvertently affect the IC’s operation through external or internal EMI. The diode
should be rated for the maximum input voltage, the maximum load current, and the peak current which occurs
when the current limit and maximum ripple current are reached simultaneously. The diode’s average power
dissipation is calculated from:
PD1 = VF x IOUT x (1-D)
(16)
where VF is the diode’s forward voltage drop, and D is the on-time duty cycle.
Final Circuit
The final circuit is shown in Figure 29, and its performance is shown in Figure 30 and Figure 31. Current limit
measured approximately 780 mA at 6V, and 812 mA at 24V.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM34919B LM34919B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com