Electronic Components Datasheet Search
  English  ▼

X  

LMH0318 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH0318
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318 Datasheet(HTML) 2 Page - Texas Instruments

  LMH0318 Datasheet HTML 1Page - Texas Instruments LMH0318 Datasheet HTML 2Page - Texas Instruments LMH0318 Datasheet HTML 3Page - Texas Instruments LMH0318 Datasheet HTML 4Page - Texas Instruments LMH0318 Datasheet HTML 5Page - Texas Instruments LMH0318 Datasheet HTML 6Page - Texas Instruments LMH0318 Datasheet HTML 7Page - Texas Instruments LMH0318 Datasheet HTML 8Page - Texas Instruments LMH0318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
LMH0318
SNLS508 – SEPTEMBER 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 24
1
Features .................................................................. 1
8.5
Programming .......................................................... 24
2
Applications ........................................................... 1
9
Application and Implementation ........................ 43
3
Description ............................................................. 1
9.1
Application Information............................................ 43
4
Revision History..................................................... 2
9.2
Typical Application ................................................. 43
5
Description continued ........................................... 3
9.3
Do's and Don'ts ....................................................... 48
6
Pin Configuration and Functions ......................... 3
9.4
Initialization Set Up ................................................. 48
7
Specifications......................................................... 6
10
Power Supply Recommendations ..................... 48
7.1
Absolute Maximum Ratings ...................................... 6
11
Layout................................................................... 49
7.2
ESD Ratings.............................................................. 6
11.1
Layout Guidelines ................................................. 49
7.3
Recommended Operating Conditions ....................... 6
11.2
Layout Example .................................................... 49
7.4
Thermal Information .................................................. 6
11.3
Solder Profile......................................................... 50
7.5
Electrical Characteristics........................................... 7
12
Device and Documentation Support ................. 51
7.6
Recommended SMBus Interface AC Timing
12.1
Device Support...................................................... 51
Specifications ........................................................... 11
12.2
Documentation Support ........................................ 51
7.7
Serial Parallel Interface (SPI) Bus Interface AC
Timing Specifications ............................................... 11
12.3
Community Resources.......................................... 51
7.8
Typical Characteristics ............................................ 12
12.4
Trademarks ........................................................... 51
8
Detailed Description ............................................ 13
12.5
Electrostatic Discharge Caution ............................ 51
8.1
Overview ................................................................. 13
12.6
Glossary ................................................................ 51
8.2
Functional Block Diagram ....................................... 13
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................. 14
Information ........................................................... 51
4 Revision History
DATE
REVISION
NOTES
September 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com