Electronic Components Datasheet Search
  English  ▼

X  

LMH0318 Datasheet(PDF) 28 Page - Texas Instruments

Part # LMH0318
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMH0318 Datasheet HTML 24Page - Texas Instruments LMH0318 Datasheet HTML 25Page - Texas Instruments LMH0318 Datasheet HTML 26Page - Texas Instruments LMH0318 Datasheet HTML 27Page - Texas Instruments LMH0318 Datasheet HTML 28Page - Texas Instruments LMH0318 Datasheet HTML 29Page - Texas Instruments LMH0318 Datasheet HTML 30Page - Texas Instruments LMH0318 Datasheet HTML 31Page - Texas Instruments LMH0318 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
LMH0318
SNLS508 – SEPTEMBER 2015
www.ti.com
Programming (continued)
Table 5. Global Registers (continued)
FIELD REGISTER
REGISTER NAME
BITS
DEFAULT
R/RW
DESCRIPTION
ADDRESS
Interrupt Control
Reg 0x56 Channel
0x00
Interrupt Mask
7
Reserved
0
RW
cdr_lock_int_en
1: Enable Interrupt if CDR lock is
achieved
6
0
RW
0: Disable interrupt if CDR lock is
achieved
signal_det1_int_en
1: Enable interrupt if IN1 Signal Detect
is asserted
5
0
RW
0: Disable interrupt if IN1 Signal Detect
is asserted
signal_det0_int_en
1: Enable interrupt if IN0 Signal Detect
is asserted
4
0
RW
0: Disable interrupt if IN0 Signal Detect
is asserted
heo_veo_int_en
1: Enable interrupt if HEO-VEO
threshold is reached
3
0
RW
0: Disable interrupt due to HEO-VEO
threshold
cdr_lock_loss_int_en
1: Enable interrupt if CDR loses lock
2
0
RW
0: Disable interrupt if CDR loses lock
signal_det1_loss_int_en
1: Enable interrupt if there is loss of
signal on IN1
1
0
RW
0: Disable interrupt if there is loss of
signal on IN1
signal_det0_loss_int_en
1: Enable interrupt if there is loss of
signal on IN0
0
0
RW
0: Disable interrupt if there is loss of
signal on IN0
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com