Electronic Components Datasheet Search
  English  ▼

X  

LMH0318 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH0318
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH0318 Datasheet HTML 9Page - Texas Instruments LMH0318 Datasheet HTML 10Page - Texas Instruments LMH0318 Datasheet HTML 11Page - Texas Instruments LMH0318 Datasheet HTML 12Page - Texas Instruments LMH0318 Datasheet HTML 13Page - Texas Instruments LMH0318 Datasheet HTML 14Page - Texas Instruments LMH0318 Datasheet HTML 15Page - Texas Instruments LMH0318 Datasheet HTML 16Page - Texas Instruments LMH0318 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
OUT1(100
)
VCO
CDR
LA
Raw
Retimed
Eye
Monitor
Loss Of
Signal
FR4 EQ
FR4 EQ
Loss Of
Signal
OUT0(75
)
Mux Control
Clock
Mute
Mute
Control Logic Block
Status


100

FPGA/Cross Point
100

FPGA/Cross Point
100
Data or Clock
75
BNC
Polarity Control
LMH0318
www.ti.com
SNLS508 – SEPTEMBER 2015
8 Detailed Description
8.1 Overview
The LMH0318 is a 2.97Gbps/1.485Gbps/0.27Gbps multi-rate serial digital video data reclocker with integrated
cable driver intended for equalizing, reclocking, and driving data compatible to the SMPTE standards. It is a 2-
input, 2-output single-core chip, enabling 1:2 fan-out or 2:1 MUX operations. Each input has a 100
Ω continuous
time linear equalizer (CTLE) at the front-end, intended to compensate for loss over STP coax or FR-4 PCB trace.
The LMH0318 OUT0 is a 75
Ω cable driver compatible to the SMPTE requirements.
The referenceless Clock-and-Data Recovery (CDR) circuit selects between the two inputs based on user choice.
The reclocked output can be driven to one or two outputs. One of the outputs supports 100-
Ω differential cable
connection, while the other output can drive a 75
Ω SMPTE specified cable while meeting transmitter
requirements as specified in SMPTE standard. The LMH0318 locks to all required SDI data rates, including
270Mbps, 1.485 Gbps, 1.4835 Gbps, 2.97 Gbps, and 2.967 Gbps. The LMH0318 is assembled in a 4 mm × 4
mm 24-pin QFN package. The chip can be programmed using SPI or SMBus interface.
8.2 Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com