Electronic Components Datasheet Search
  English  ▼

X  

LMH0318 Datasheet(PDF) 49 Page - Texas Instruments

Part # LMH0318
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LMH0318 Datasheet HTML 45Page - Texas Instruments LMH0318 Datasheet HTML 46Page - Texas Instruments LMH0318 Datasheet HTML 47Page - Texas Instruments LMH0318 Datasheet HTML 48Page - Texas Instruments LMH0318 Datasheet HTML 49Page - Texas Instruments LMH0318 Datasheet HTML 50Page - Texas Instruments LMH0318 Datasheet HTML 51Page - Texas Instruments LMH0318 Datasheet HTML 52Page - Texas Instruments LMH0318 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
LMH0318
www.ti.com
SNLS508 – SEPTEMBER 2015
11 Layout
11.1 Layout Guidelines
The following guidelines should be followed when designing the layout:
1. Set trace impedances to 75
Ω ± 5% single ended, 100 Ω ± 5% differential.
2. Maintain the same signal reference plane for 75
Ω single-end trace, and reference plane for 100 Ω
differential traces.
3. Use the smallest size surface mount components.
4. Use solid planes. Provide GND or VDD relief under the component pads to minimize parasitic capacitance.
5. Select trace widths that minimize the impedance mismatch along the signal path.
6. Select a board stack-up that supports 75
Ω or 50 Ω single-end trace, 100 Ω coupled differential traces.
7. Use surface mount ceramic capacitors.
8. Place return loss network as close to the device as possible.
9. Maintain symmetry on the complimentary signals.
10. Route 100
Ω traces uniformly (keep trace widths and trace spacing uniform along the trace).
11. Avoid sharp bends; use 45-degree or radial bends.
12. Walk along the signal path, identify geometry changes and estimate their impedance changes.
13. Maintain 75
Ω impedance with a well-designed connectors’ footprint.
14. Consult a 3-D simulation tool to guide layout decisions.
15. Use the shortest path for VDD and Ground hook-ups; connect pin to planes with vias to minimize or
eliminate trace.
16. When a high speed trace changes layer, provide at least 2 return vias to improve current return path.
11.2 Layout Example
The following example layout demonstrates how the thermal pad should be laid out using standard WQFN board
routing guidelines.
Note: Thermal pad is divided into 4 squares with solder paste
Figure 22. LMH0318 Recommended Four Squares Solder Paste
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com