Electronic Components Datasheet Search
  English  ▼

X  

LMH0318 Datasheet(PDF) 39 Page - Texas Instruments

Part # LMH0318
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMH0318 Datasheet HTML 35Page - Texas Instruments LMH0318 Datasheet HTML 36Page - Texas Instruments LMH0318 Datasheet HTML 37Page - Texas Instruments LMH0318 Datasheet HTML 38Page - Texas Instruments LMH0318 Datasheet HTML 39Page - Texas Instruments LMH0318 Datasheet HTML 40Page - Texas Instruments LMH0318 Datasheet HTML 41Page - Texas Instruments LMH0318 Datasheet HTML 42Page - Texas Instruments LMH0318 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
LMH0318
www.ti.com
SNLS508 – SEPTEMBER 2015
Table 7. CDR Registers (continued)
REGISTER
FIELD REGISTER
BITS
DEFAULT
R/RW
DESCRIPTION
NAME
ADDRESS
CDR State Machine
Reg 0x3E Channel
0x80
CDR State Machine Setting
Control
At power-up, this bit needs to be set to 0'b.
7
INIT_CDR_SM_3
1
RW
See initialization set up
6
Reserved
0
RW
5
Reserved
0
RW
4
Reserved
0
RW
3
Reserved
0
RW
2
Reserved
0
RW
1
Reserved
0
RW
0
Reserved
0
RW
HEO_VEO_Lock
Reg 0x69 Channel
0x0A
HEO/VEO Interval Monitoring
7
Reserved
0
RW
6
Reserved
0
RW
5
Reserved
0
RW
4
Reserved
0
RW
3
hv_lckmon_cnt_ms[3]
1
RW
While monitoring lock, this sets the interval
2
hv_lckmon_cnt_ms[2]
0
RW
time. Each interval is 6.5 ms. At default
condition, HEO_VEO Lock Monitor occurs
1
hv_lckmon_cnt_ms[1]
1
RW
once every 65 ms.
0
hv_lckmon_cnt_ms[0]
0
RW
CDR State Machine
Reg 0x6A Channel
0x44
CDR State Machine Control
Control
7
INIT_CDR_SM_57
0
RW
6
INIT_CDR_SM_56
1
RW
5
INIT_CDR_SM_55
0
RW
4
INIT_CDR_SM_54
0
RW
At power-up, this register should be set to
0x00. See initialization set up
3
INIT_CDR_SM_53
0
RW
2
INIT_CDR_SM_52
1
RW
1
INIT_CDR_SM_51
0
RW
0
INIT_CDR_SM_50
0
RW
SMPTE_Rate_Enable
Reg 0xA0 Channel
0x1f
SMPTE_Data_Rate_Lock_Restriction
7
Reserved
0
RW
6
Reserved
0
RW
5
Reserved
0
RW
1: Enable CDR Lock to 270 Mbps
4
dvb_enable
1
RW
0: Disable CDR Lock to 270 Mbps
1: Enable CDR Lock to 1.485/1.4835 Gbps
3
hd_enable
1
RW
0: Disable CDR Lock to 1.485/1.4835 Gbps
1: Enable CDR Lock to 2.97/2.967 Gbps
2
3G_enable
1
RW
0: Disable CDR Lock to 2.97/2.967 Gbps
1
Reserved
1
RW
Reserved
0
Reserved
1
RW
Reserved
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com