Electronic Components Datasheet Search
  English  ▼

X  

SLAS787A Datasheet(PDF) 18 Page - Texas Instruments

Part # SLAS787A
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787A Datasheet(HTML) 18 Page - Texas Instruments

Back Button SLAS787A Datasheet HTML 14Page - Texas Instruments SLAS787A Datasheet HTML 15Page - Texas Instruments SLAS787A Datasheet HTML 16Page - Texas Instruments SLAS787A Datasheet HTML 17Page - Texas Instruments SLAS787A Datasheet HTML 18Page - Texas Instruments SLAS787A Datasheet HTML 19Page - Texas Instruments SLAS787A Datasheet HTML 20Page - Texas Instruments SLAS787A Datasheet HTML 21Page - Texas Instruments SLAS787A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
-40
Vcc = 3.6 V
T – Temperature – °C
A
Vcc = 1.8 V
Vcc = 3 V
Vcc = 2.2 V
-20
0
20
40
60
80
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-40
Vcc = 3.6 V
T – Temperature – °C
A
Vcc = 1.8 V
Vcc = 3 V
Vcc = 2.2 V
-20
0
20
40
60
80
MSP430G2231-Q1
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
www.ti.com
9.5 Low-Power Mode Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
fMCLK = 0 MHz,
fSMCLK = fDCO = 1 MHz,
fACLK = 32768 Hz,
Low-power mode 0
ILPM0,1MHz
BCSCTL1 = CALBC1_1MHZ,
25°C
2.2 V
65
µA
(LPM0) current(3)
DCOCTL = CALDCO_1MHZ,
CPUOFF = 1, SCG0 = 0, SCG1 = 0,
OSCOFF = 0
fMCLK = fSMCLK = 0 MHz,
fDCO = 1 MHz,
fACLK = 32768 Hz,
Low-power mode 2
ILPM2
BCSCTL1 = CALBC1_1MHZ,
25°C
2.2 V
22
µA
(LPM2) current(4)
DCOCTL = CALDCO_1MHZ,
CPUOFF = 1, SCG0 = 0, SCG1 = 1,
OSCOFF = 0
fDCO = fMCLK = fSMCLK = 0 MHz,
Low-power mode 3
fACLK = 32768 Hz,
ILPM3,LFXT1
25°C
2.2 V
0.7
1.5
µA
(LPM3) current(4)
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 0
fDCO = fMCLK = fSMCLK = 0 MHz,
Low-power mode 3
fACLK from internal LF oscillator (VLO),
ILPM3,VLO
25°C
2.2 V
0.5
0.7
µA
current, (LPM3)(4)
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 0
fDCO = fMCLK = fSMCLK = 0 MHz,
25°C
2.2 V
0.1
0.5
µA
Low-power mode 4
fACLK = 0 Hz,
ILPM4
(LPM4) current(5)
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
85°C
2.2 V
0.8
1.5
µA
OSCOFF = 1
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal CC4V-T1A SMD crystal with a load capacitance of 9 pF.
(3)
Current for brownout and WDT clocked by SMCLK included.
(4)
Current for brownout and WDT clocked by ACLK included.
(5)
Current for brownout included.
9.6 Typical Characteristics, Low-Power Mode Supply Currents
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
Figure 6. LPM4 Current vs Temperature
Figure 5. LPM3 Current vs Temperature
18
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com