Electronic Components Datasheet Search
  English  ▼

X  

SLAS787A Datasheet(PDF) 20 Page - Texas Instruments

Part # SLAS787A
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787A Datasheet(HTML) 20 Page - Texas Instruments

Back Button SLAS787A Datasheet HTML 16Page - Texas Instruments SLAS787A Datasheet HTML 17Page - Texas Instruments SLAS787A Datasheet HTML 18Page - Texas Instruments SLAS787A Datasheet HTML 19Page - Texas Instruments SLAS787A Datasheet HTML 20Page - Texas Instruments SLAS787A Datasheet HTML 21Page - Texas Instruments SLAS787A Datasheet HTML 22Page - Texas Instruments SLAS787A Datasheet HTML 23Page - Texas Instruments SLAS787A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
VOH − High-Level Output Voltage − V
−25
−20
−15
−10
−5
0
0
0.5
1
1.5
2
2.5
VCC = 2.2 V
P1.7
TA = 25°C
TA = 85°C
VOH − High-Level Output Voltage − V
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
VCC = 3 V
P1.7
TA = 25°C
TA = 85°C
VOL − Low-Level Output Voltage − V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
VCC = 2.2 V
P1.7
TA = 25°C
TA = 85°C
VOL − Low-Level Output Voltage − V
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
3.5
VCC = 3 V
P1.7
TA = 25°C
TA = 85°C
MSP430G2231-Q1
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
www.ti.com
9.11 Typical Characteristics – Outputs
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
Figure 7. Typical Low-Level Output Current vs Low-Level
Figure 8. Typical Low-Level Output Current vs Low-Level
Output Voltage
Output Voltage
Figure 9. Typical High-Level Output Current vs High-Level
Figure 10. Typical High-Level Output Current vs High-Level
Output Voltage
Output Voltage
20
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com