Electronic Components Datasheet Search
  English  ▼

X  

SLAS787A Datasheet(PDF) 24 Page - Texas Instruments

Part # SLAS787A
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787A Datasheet(HTML) 24 Page - Texas Instruments

Back Button SLAS787A Datasheet HTML 20Page - Texas Instruments SLAS787A Datasheet HTML 21Page - Texas Instruments SLAS787A Datasheet HTML 22Page - Texas Instruments SLAS787A Datasheet HTML 23Page - Texas Instruments SLAS787A Datasheet HTML 24Page - Texas Instruments SLAS787A Datasheet HTML 25Page - Texas Instruments SLAS787A Datasheet HTML 26Page - Texas Instruments SLAS787A Datasheet HTML 27Page - Texas Instruments SLAS787A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
DCO Frequency − MHz
0.10
1.00
10.00
0.10
1.00
10.00
RSELx = 0...11
RSELx = 12...15
MSP430G2231-Q1
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
www.ti.com
9.15 Calibrated DCO Frequencies – Tolerance
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
BCSCTL1= CALBC1_1MHz,
1-MHz tolerance over
0°C to 85°C
DCOCTL = CALDCO_1MHz,
3 V
-3
±0.5
+3
%
temperature(1)
-40°C to 105°C
calibrated at 30°C and 3 V
BCSCTL1= CALBC1_1MHz,
1-MHz tolerance over VCC
DCOCTL = CALDCO_1MHz,
30°C
1.8 V to 3.6 V
-3
±2
+3
%
calibrated at 30°C and 3 V
BCSCTL1= CALBC1_1MHz,
-40°C to 85°C
1-MHz tolerance overall
DCOCTL = CALDCO_1MHz,
1.8 V to 3.6 V
-6
±3
+6
%
-40°C to 105°C
calibrated at 30°C and 3 V
(1)
This is the frequency change from the measured frequency at 30°C over temperature.
9.16 Wakeup From Lower-Power Modes (LPM3, LPM4) – Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
DCO clock wakeup time from LPM3
BCSCTL1= CALBC1_1MHz,
tDCO,LPM3/4
3 V
1.5
µs
or LPM4(1)
DCOCTL = CALDCO_1MHz
CPU wakeup time from LPM3 or
1/fMCLK +
tCPU,LPM3/4
LPM4(2)
tClock,LPM3/4
(1)
The DCO clock wakeup time is measured from the edge of an external wake-up signal (for example, port interrupt) to the first clock
edge observable externally on a clock pin (MCLK or SMCLK).
(2)
Parameter applicable only if DCOCLK is used for MCLK.
9.17 Typical Characteristics – DCO Clock Wakeup Time From LPM3, LPM4
Figure 14. DCO Wakeup Time From LPM3 vs DCO Frequency
24
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com