| Electronic Components Datasheet Search |
|
SLAS787A Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS787A Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 52 page ![]() MSP430G2231-Q1 SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014 www.ti.com 8.3 Operating Modes The MSP430 has one active mode and five software selectable low-power modes of operation. An interrupt event can wake up the device from any of the low-power modes, service the request, and restore back to the low-power mode on return from the interrupt program. The following six operating modes can be configured by software: • Active mode (AM) – All clocks are active • Low-power mode 0 (LPM0) – CPU is disabled – ACLK and SMCLK remain active, MCLK is disabled • Low-power mode 1 (LPM1) – CPU is disabled – ACLK and SMCLK remain active, MCLK is disabled – DCO's dc generator is disabled if DCO not used in active mode • Low-power mode 2 (LPM2) – CPU is disabled – MCLK and SMCLK are disabled – DCO's dc generator remains enabled – ACLK remains active • Low-power mode 3 (LPM3) – CPU is disabled – MCLK and SMCLK are disabled – DCO's dc generator is disabled – ACLK remains active • Low-power mode 4 (LPM4) – CPU is disabled – ACLK is disabled – MCLK and SMCLK are disabled – DCO's dc generator is disabled – Crystal oscillator is stopped 8 Submit Documentation Feedback Copyright © 2011–2014, Texas Instruments Incorporated Product Folder Links: MSP430G2231-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |