Electronic Components Datasheet Search
  English  ▼

X  

SLAS787A Datasheet(PDF) 27 Page - Texas Instruments

Part # SLAS787A
Description  MSP430G2231 Automotive Mixed-Signal Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS787A Datasheet(HTML) 27 Page - Texas Instruments

Back Button SLAS787A Datasheet HTML 23Page - Texas Instruments SLAS787A Datasheet HTML 24Page - Texas Instruments SLAS787A Datasheet HTML 25Page - Texas Instruments SLAS787A Datasheet HTML 26Page - Texas Instruments SLAS787A Datasheet HTML 27Page - Texas Instruments SLAS787A Datasheet HTML 28Page - Texas Instruments SLAS787A Datasheet HTML 29Page - Texas Instruments SLAS787A Datasheet HTML 30Page - Texas Instruments SLAS787A Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
MSP430G2231-Q1
www.ti.com
SLAS787B – NOVEMBER 2011 – REVISED MARCH 2014
9.23 10-Bit ADC, Power Supply and Input Range Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
VCC
Analog supply voltage
VSS = 0 V
2.2
3.6
V
All Ax terminals, Analog inputs
VAx
Analog input voltage(2)
3 V
0
VCC
V
selected in ADC10AE register
fADC10CLK = 5.0 MHz,
ADC10ON = 1, REFON = 0,
IADC10
ADC10 supply current(3)
3 V
0.6
1.2
mA
ADC10SHT0 = 1, ADC10SHT1 = 0,
ADC10DIV = 0
fADC10CLK = 5.0 MHz,
ADC10ON = 0, REF2_5V = 0,
0.25
0.4
REFON = 1, REFOUT = 0
Reference supply current,
IREF+
3 V
mA
reference buffer disabled(4)
fADC10CLK = 5.0 MHz,
ADC10ON = 0, REF2_5V = 1,
0.25
0.4
REFON = 1, REFOUT = 0
fADC10CLK = 5.0 MHz,
Reference buffer supply
ADC10ON = 0, REFON = 1,
IREFB,0
3 V
1.1
1.4
mA
current with ADC10SR = 0(4)
REF2_5V = 0, REFOUT = 1,
ADC10SR = 0
fADC10CLK = 5.0 MHz,
Reference buffer supply
ADC10ON = 0, REFON = 1,
IREFB,1
3 V
0.5
0.7
mA
current with ADC10SR = 1(4)
REF2_5V = 0, REFOUT = 1,
ADC10SR = 1
Only one terminal Ax can be selected
CI
Input capacitance
3 V
27
pF
at one time
RI
Input MUX ON resistance
0 V
≤ VAx ≤ VCC
3 V
1000
2000
Ω
(1)
The leakage current is defined in the leakage current table with Px.y/Ax parameter.
(2)
The analog input voltage range must be within the selected reference voltage range VR+ to VR– for valid conversion results.
(3)
The internal reference supply current is not included in current consumption parameter IADC10.
(4)
The internal reference current is supplied via terminal VCC. Consumption is independent of the ADC10ON control bit, unless a
conversion is active. The REFON bit enables the built-in reference to settle before starting an A/D conversion.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: MSP430G2231-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com