Electronic Components Datasheet Search
  English  ▼

X  

OPA2107AP Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2107AP
Description  Precision Dual Difet ® Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2107AP Datasheet(HTML) 2 Page - Texas Instruments

  OPA2107AP Datasheet HTML 1Page - Texas Instruments OPA2107AP Datasheet HTML 2Page - Texas Instruments OPA2107AP Datasheet HTML 3Page - Texas Instruments OPA2107AP Datasheet HTML 4Page - Texas Instruments OPA2107AP Datasheet HTML 5Page - Texas Instruments OPA2107AP Datasheet HTML 6Page - Texas Instruments OPA2107AP Datasheet HTML 7Page - Texas Instruments OPA2107AP Datasheet HTML 8Page - Texas Instruments OPA2107AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OPA2107
2
SBOS161A
www.ti.com
PIN CONFIGURATION
Top View
DIP, SO
8
7
1
4
5
3
2
6
–V
S
Out B
+V
A
B
S
Out A
–In B
+In B
–In A
+In A
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage ...................................................................................
±18V
Input Voltage Range .....................................................................
±V
S ±2V
Differential Input Voltage ....................................................... Total VS ±4V
Operating Temperature
P and U Packages ........................................................ –25
°C to + 85°C
Storage Temperature
P and U Packages ....................................................... –40
°C to +125°C
Output Short Circuit to Ground (TA = +25°C) ........................... Continuous
Junction Temperature .................................................................... +175
°C
Lead Temperature
P Package (soldering, 10s) ......................................................... +300
°C
U Package, SOIC (3s) ................................................................ +260
°C
NOTE: Stresses above these ratings may cause permanent damage.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA2107
DIP-8
P
–25
°C to +85°C
OPA2107AP
OPA2107AP
Tube, 50
OPA2107
SO-8
D
–25
°C to +85°C
OPA2107AU
OPA2107AU
Tube, 100
"
"""
"
OPA2107AU/2K5
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com