Electronic Components Datasheet Search
  English  ▼

X  

OPA2107AP Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2107AP
Description  Precision Dual Difet ® Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2107AP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2107AP Datasheet HTML 3Page - Texas Instruments OPA2107AP Datasheet HTML 4Page - Texas Instruments OPA2107AP Datasheet HTML 5Page - Texas Instruments OPA2107AP Datasheet HTML 6Page - Texas Instruments OPA2107AP Datasheet HTML 7Page - Texas Instruments OPA2107AP Datasheet HTML 8Page - Texas Instruments OPA2107AP Datasheet HTML 9Page - Texas Instruments OPA2107AP Datasheet HTML 10Page - Texas Instruments OPA2107AP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OPA2107
7
SBOS161A
www.ti.com
FIGURE 2. FET Input Instrumentation Amplifier.
I
B = 5pA Max
Gain = 100
CMRR ~ 95dB
R
IN = 10
13
Ω
~
Differential Voltage Gain = 1 + 2R
F/RG = 100
A
1
Output
3
2
B
7
6
5
1
–In
+In
R
F
5k
Ω
R
F
5k
Ω
R
G
101
Ω
25k
Ω
25k
Ω
1/2
OPA2107
1/2
OPA2107
25k
Ω
25k
Ω
6
5
3
2
INA105
FIGURE 3. Precision Instrumentation Amplifier.
Using the INA106 for an output difference amplifier extends the input
common-mode range of an instrumentation amplifier (IA) to
±10V.
A conventional IA with a unity-gain difference amplifier has an input
common-mode range limited to
±5V for an output swing of ±10V. This is
because a unity-gain difference amplifier needs
±5V at the input for 10V
at the output, allowing only 5V additional for common-mode range.
E
O = [10 (1 + 2RF /RG) (E2 – E1)] = 1000 (E2 – E1)
A
1
E
Output
3
2
B
7
6
5
1
E
–In
R
F
10k
Ω
R
F
10k
Ω
R
G
202
Ω
10k
Ω
10k
Ω
1/2
OPA2107
1/2
OPA2107
100k
Ω
100k
Ω
6
5
3
2
INA106
1
O
E
+In
2
APPLICATIONS INFORMATION
AND CIRCUITS
The OPA2107 is unity-gain stable and has an excellent
phase margin. This makes it easy to use in a wide variety of
applications.
Power-supply connections should be bypassed with capaci-
tors positioned close to the amplifier pins. In most cases,
0.1
µF ceramic capacitors are adequate. Applications with
larger load currents and fast transient signals may need up
to 1
µF tantalum bypass capacitors.
INPUT BIAS CURRENT
The OPA2107
Difet input stages have very low input bias
current—an order of magnitude lower than BIFET op amps.
Circuit-board leakage paths can significantly degrade per-
formance. This is especially evident with the SO-8 surface-
mount package where pin-to-pin dimensions are particularly
small. Residual soldering flux, dirt, and oils, which conduct
leakage current, can be removed by proper cleaning. In most
instances, a two-step cleaning process is adequate using a
clean organic solvent rinse followed by deionized water.
Each rinse should be followed by a 30-minute bake at 85
°C.
A circuit-board guard pattern effectively reduces errors due
to circuit-board leakage (Figure 1). By encircling critical high-
impedance nodes with a low-impedance connection at the
same circuit potential, any leakage currents will flow harm-
lessly to the low-impedance node. Guard traces should be
placed on all levels of a multiple-layer circuit board.
A
In
Non-Inverting
1
A
In
Buffer
1
Out
2
3
A
In
Inverting
1
Out
2
3
Out
2
3
FIGURE 1. Connection of Input Guard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com