Electronic Components Datasheet Search
  English  ▼

X  

OPA2107AP Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2107AP
Description  Precision Dual Difet ® Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2107AP Datasheet(HTML) 3 Page - Texas Instruments

  OPA2107AP Datasheet HTML 1Page - Texas Instruments OPA2107AP Datasheet HTML 2Page - Texas Instruments OPA2107AP Datasheet HTML 3Page - Texas Instruments OPA2107AP Datasheet HTML 4Page - Texas Instruments OPA2107AP Datasheet HTML 5Page - Texas Instruments OPA2107AP Datasheet HTML 6Page - Texas Instruments OPA2107AP Datasheet HTML 7Page - Texas Instruments OPA2107AP Datasheet HTML 8Page - Texas Instruments OPA2107AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OPA2107
3
SBOS161A
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, unless otherwise noted.
OPA2107AP, AU
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0V
0.1
1
mV
Over Specified Temperature
0.5
2
mV
Average Drift Over Specified Temperature
310
µV/°C
Power Supply Rejection
VS = ±10 to ±18V
80
96
dB
INPUT BIAS CURRENT(1)
Input Bias Current
VCM = 0V
4
10
pA
Over Specified Temperature
0.25
1.5
nA
Input Offset Current
VCM = 0V
1
8
pA
Over Specified Temperature
1nA
INPUT NOISE
Voltage: f = 10Hz
RS = 0
30
nV/
√Hz
f = 100Hz
12
nV/
√Hz
f = 1kHz
9nV/
√Hz
f = 10kHz
8nV/
√Hz
BW = 0.1 to 10Hz
1.2
µVp-p
BW = 10 to 10kHz
0.85
µVrms
Current: f = 0.1Hz thru 20kHz
1.2
fA/
√Hz
BW = 0.1Hz to 10Hz
23
fAp-p
INPUT IMPEDANCE
Differential
1013 || 2
Ω || pF
Common-Mode
1014 || 4
Ω || pF
INPUT VOLTAGE RANGE
Common-Mode Input Range
±10.5
±11
V
Over Specified Temperature
±10.2
±10.5
V
Common-Mode Rejection
VCM = ±10V
80
94
dB
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±10V, RL = 2kΩ
82
96
dB
Over Specified Temperature
80
94
dB
DYNAMIC RESPONSE
Slew Rate
G = +1
13
18
V/
µs
Settling Time: 0.1%
G = –1, 10V Step
1.5
µs
0.01%
2
µs
Gain Bandwidth Product
G = 100
4.5
MHz
THD + Noise
G = +1, f = 1kHz
0.001
%
Channel Separation
f = 100Hz, RL = 2kΩ
120
dB
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±4.5
V
Current
±4.5
mA
OUTPUT
Voltage Output
RL = 2kΩ±11
±12
V
Over Specified Temperature
±10.5
±11.5
V
Short Circuit Current
±10
±40
mA
Output Resistance, Open-Loop
1MHz
70
Ω
Capacitive Load Stability
G = +1
1000
pF
TEMPERATURE RANGE
Specification
–25
+85
°C
Operating
–25
+85
°C
Storage
–40
+125
°C
Thermal Resistance (
θ
J-A)
DIP-8
90
°C/W
SO-8
175
°C/W
NOTE: (1) Specified with devices fully warmed up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com