Electronic Components Datasheet Search
  English  ▼

X  

OPA2107AP Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2107AP
Description  Precision Dual Difet ® Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2107AP Datasheet(HTML) 1 Page - Texas Instruments

  OPA2107AP Datasheet HTML 1Page - Texas Instruments OPA2107AP Datasheet HTML 2Page - Texas Instruments OPA2107AP Datasheet HTML 3Page - Texas Instruments OPA2107AP Datasheet HTML 4Page - Texas Instruments OPA2107AP Datasheet HTML 5Page - Texas Instruments OPA2107AP Datasheet HTML 6Page - Texas Instruments OPA2107AP Datasheet HTML 7Page - Texas Instruments OPA2107AP Datasheet HTML 8Page - Texas Instruments OPA2107AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
q Very Low Noise: 8nV/
√Hz at 10kHz
q Low V
OS: 1mV max
q Low Drift: 10
µV/
°C max
q Low I
B: 10pA max
q Fast Settling Time: 2
µs to 0.01%
q Unity-Gain Stable
Precision Dual
Difet ®
Operational Amplifier
OPA2107
DESCRIPTION
The OPA2107 dual operational amplifier provides precision
Difet performance with the cost and space savings of a dual
op amp. It is useful in a wide range of precision and low-noise
analog circuitry and can be used to upgrade the performance
of designs currently using BIFET® type amplifiers.
The OPA2107 is fabricated on a proprietary dielectrically
isolated (
Difet ) process. This holds input bias currents to
very low levels without sacrificing other important param-
eters, such as input offset voltage, drift and noise. Laser-
trimmed input circuitry yields excellent dc performance. Su-
perior dynamic performance is achieved, yet quiescent cur-
rent is held to under 2.5mA per amplifier. The OPA2107 is
unity-gain stable.
The OPA2107 is available in DIP-8 and SO-8 packages.
Cascode
–In
(2, 6)
+In
(3, 5)
+V
(8)
S
Output
(1, 7)
–V
(4)
S
APPLICATIONS
q Data Acquisition
q DAC Output Amplifiers
q Optoelectronics
q High-Impedance Sensor Amps
q High-Performance Audio Circuitry
q Medical Equipment, CT Scanners
OPA2107
OPA2107
SBOS161A – JANUARY 1989 – REVISED JULY 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1989-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA2107AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2107AP BURR-BROWN-OPA2107AP Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
OPA2107APG4 BURR-BROWN-OPA2107APG4 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
More results

Similar Description - OPA2107AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
OPA627-DIE Precision High-Speed DIFET Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com