Electronic Components Datasheet Search
  English  ▼

X  

OPA2107AP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA2107AP
Description  Precision Dual Difet ® Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2107AP Datasheet(HTML) 5 Page - Texas Instruments

  OPA2107AP Datasheet HTML 1Page - Texas Instruments OPA2107AP Datasheet HTML 2Page - Texas Instruments OPA2107AP Datasheet HTML 3Page - Texas Instruments OPA2107AP Datasheet HTML 4Page - Texas Instruments OPA2107AP Datasheet HTML 5Page - Texas Instruments OPA2107AP Datasheet HTML 6Page - Texas Instruments OPA2107AP Datasheet HTML 7Page - Texas Instruments OPA2107AP Datasheet HTML 8Page - Texas Instruments OPA2107AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OPA2107
5
SBOS161A
www.ti.com
MAXIMUM OUTPUT VOLTAGE SWING
vs FREQUENCY
30
20
10
0
10k
100k
1M
10M
Frequency (Hz)
R = 2k
L
Ω
GAIN-BANDWIDTH AND SLEW RATE
vs TEMPERATURE
8
6
4
2
0
–50
–25
0
+25
+50
+75
+100
+125
Ambient Temperature (°C)
25
20
15
10
5
Slew Rate
Gain-Bandwidth
GAIN-BANDWIDTH AND SLEW RATE
vs SUPPLY VOLTAGE
6
5
4
5
101520
Supply Voltage (±V )
S
22
20
18
16
14
Gain-Bandwidth
Slew Rate
A = +100
R = 2k
V
L
Ω
SETTLING TIME vs CLOSED-LOOP GAIN
5
4
3
2
1
0
–1
–10
–100
–1000
Closed-Loop Gain (V/V)
0.1%
V = 10V Step
R = 2k
C = 100pF
O
L
L
Ω
0.01%
SUPPLY CURRENT vs TEMPERATURE
7
6
5
4
3
–50
–25
0
+25
+50
+75
+100
+125
Ambient Temperature (°C)
Total of Both Op Amps
TYPICAL CHARACTERISTICS (Cont.)
T
A = +25°C, VS = ±15V unless otherwise noted.
OPEN-LOOP FREQUENCY RESPONSE
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
0
–45
–90
–135
–180
Frequency (Hz)
φ
R = 2k
Ω
L
C = 100pF
L
A
OL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com