Electronic Components Datasheet Search
  English  ▼

X  

SM73201 Datasheet(PDF) 28 Page - Texas Instruments

Part # SM73201
Description  SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM73201 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SM73201 Datasheet HTML 23Page - Texas Instruments SM73201 Datasheet HTML 24Page - Texas Instruments SM73201 Datasheet HTML 25Page - Texas Instruments SM73201 Datasheet HTML 26Page - Texas Instruments SM73201 Datasheet HTML 27Page - Texas Instruments SM73201 Datasheet HTML 28Page - Texas Instruments SM73201 Datasheet HTML 29Page - Texas Instruments SM73201 Datasheet HTML 30Page - Texas Instruments SM73201 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
5.05
4.75
1.1 MAX
8X 0.5
10X 0.27
0.17
2X
2
0.15
0.05
TYP
0.23
0.13
0 - 8
0.25
GAGE PLANE
0.7
0.4
A
NOTE 3
3.1
2.9
B
NOTE 4
3.1
2.9
4221984/A 05/2015
VSSOP - 1.1 mm max height
DGS0010A
SMALL OUTLINE PACKAGE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-187, variation BA.
1
10
0.1
C A
B
6
5
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 3.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com