Electronic Components Datasheet Search
  English  ▼

X  

SM73201 Datasheet(PDF) 12 Page - Texas Instruments

Part # SM73201
Description  SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM73201 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SM73201 Datasheet HTML 8Page - Texas Instruments SM73201 Datasheet HTML 9Page - Texas Instruments SM73201 Datasheet HTML 10Page - Texas Instruments SM73201 Datasheet HTML 11Page - Texas Instruments SM73201 Datasheet HTML 12Page - Texas Instruments SM73201 Datasheet HTML 13Page - Texas Instruments SM73201 Datasheet HTML 14Page - Texas Instruments SM73201 Datasheet HTML 15Page - Texas Instruments SM73201 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
SM73201
SNOSB89B – JUNE 2011 – REVISED JUNE 2013
www.ti.com
Typical Performance Characteristics (continued)
VA = VIO = VREF = +5V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS, TA = +25°C, and fIN = 20 kHz unless otherwise stated.
VA CURRENT vs. TEMPERATURE
VREF CURRENT vs. VREF
Figure 20.
Figure 21.
VREF CURRENT vs. SCLK FREQUENCY
VREF CURRENT vs. TEMPERATURE
Figure 22.
Figure 23.
VIO CURRENT vs. VIO
VIO CURRENT vs. SCLK FREQUENCY
Figure 24.
Figure 25.
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM73201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com