Electronic Components Datasheet Search
  English  ▼

X  

SM73201 Datasheet(PDF) 13 Page - Texas Instruments

Part # SM73201
Description  SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM73201 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SM73201 Datasheet HTML 9Page - Texas Instruments SM73201 Datasheet HTML 10Page - Texas Instruments SM73201 Datasheet HTML 11Page - Texas Instruments SM73201 Datasheet HTML 12Page - Texas Instruments SM73201 Datasheet HTML 13Page - Texas Instruments SM73201 Datasheet HTML 14Page - Texas Instruments SM73201 Datasheet HTML 15Page - Texas Instruments SM73201 Datasheet HTML 16Page - Texas Instruments SM73201 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SM73201
www.ti.com
SNOSB89B – JUNE 2011 – REVISED JUNE 2013
Typical Performance Characteristics (continued)
VA = VIO = VREF = +5V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS, TA = +25°C, and fIN = 20 kHz unless otherwise stated.
VIO CURRENT vs. TEMPERATURE
SPECTRAL RESPONSE - 250 kSPS
Figure 26.
Figure 27.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SM73201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com