Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 8 Page - ON Semiconductor

Part # AR0130CS
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 4Page - ON Semiconductor AR0130CS Datasheet HTML 5Page - ON Semiconductor AR0130CS Datasheet HTML 6Page - ON Semiconductor AR0130CS Datasheet HTML 7Page - ON Semiconductor AR0130CS Datasheet HTML 8Page - ON Semiconductor AR0130CS Datasheet HTML 9Page - ON Semiconductor AR0130CS Datasheet HTML 10Page - ON Semiconductor AR0130CS Datasheet HTML 11Page - ON Semiconductor AR0130CS Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AR0130CS
www.onsemi.com
8
PIXEL DATA FORMAT
Pixel Array Structure
The AR0130 pixel array is configured as 1412 columns by
1028 rows, (see Figure 5). The dark pixels are optically
black and are used internally to monitor black level. Of the
right 108 columns, 64 are dark pixels used for row noise
correction. Of the top 24 rows of pixels, 12 of the dark rows
are used for black level correction. There are 1296 columns
by 976 rows of optically active pixels. While the sensor’s
format is 1280 x 960, the additional active columns and
active rows are included for use when horizontal or vertical
mirrored readout is enabled, to allow readout to start on the
same pixel. The pixel adjustment is always performed for
monochrome or color versions. The active area is
surrounded with optically transparent dummy pixels to
improve image uniformity within the active area. Not all
dummy pixels or barrier pixels can be read out.
Figure 5. Pixel Array Description
1412
Dark Pixel
Barrier Pixel
Light Dummy
Pixel
Active Pixel
2 Light Dummy +
4 Barrier +
24 Dark +
4 Barrier +
6 Dark Dummy
1296 × 976 (1288 × 968 Active)
4.86 × 3.66 mm2 (4.83 × 3.63 mm2)
2 Light Dummy +
4 Barrier +
100 Dark +
4 Barrier
2 Light Dummy +
4 Barrier
2 Light Dummy +
4 Barrier +
6 Dark Dummy
Figure 6. Pixel Color Pattern Detail (Top Right Corner)
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
G
B
G
B
G
B
Column Readout Direction
Active Pixel (0, 0)
Array Pixel (112, 44)
…
Default Readout Order
By convention, the sensor core pixel array is shown with
the first addressable (logical) pixel (0,0) in the top right
corner (see Figure 6). This reflects the actual layout of the
array on the die. Also, the physical location of the first pixel
data read out of the sensor in default condition is that of pixel
(112, 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com