Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 30 Page - ON Semiconductor

Part # AR0130CS
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 26Page - ON Semiconductor AR0130CS Datasheet HTML 27Page - ON Semiconductor AR0130CS Datasheet HTML 28Page - ON Semiconductor AR0130CS Datasheet HTML 29Page - ON Semiconductor AR0130CS Datasheet HTML 30Page - ON Semiconductor AR0130CS Datasheet HTML 31Page - ON Semiconductor AR0130CS Datasheet HTML 32Page - ON Semiconductor AR0130CS Datasheet HTML 33Page - ON Semiconductor AR0130CS Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AR0130CS
www.onsemi.com
30
Table 10. I/O TIMING CHARACTERISTICS (1.8 V VDD_IO) (Note 10)
Conditions: fPIXCLK = 74.25 MHz (720 P 60 fps) VDD_IO = 1.8 V;
Slew Rate Setting = 4 for PIXCLK; Slew Rate Setting = 7 for Parallel Ports(continued)
Symbol
Unit
Max
Typ
Min
Condition
Definition
tPFL
PIXCLK to FV LOW
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−4.0
−
−0.5
ns
tPLL
PIXCLK to LV LOW
PIXCLK Slew Rate = 4, Parallel Slew Rate = 7
−4.0
−
−0.5
ns
CLOAD
Output Load
Capacitance
−
10
−
pF
CIN
Input Pin Capacitance
−
2.5
−
pF
10.Minimum and maximum values are are for the spec limits: 1.95 V, −30°C and 1.70 V, 70°C. All values are taken at the 50% transition point.
11. Jitter from PIXCLK is already taken into account as the data of all the output parameters.
Table 11. I/O RISE SLEW RATE (2.8 V VDD_IO) (Note 12)
Parallel Slew (R0x306E[15:13])
Condition
Min
Typ
Max
Unit
7
Default
1.50
2.50
3.90
V/ns
6
Default
0.98
1.62
2.52
V/ns
5
Default
0.71
1.12
1.79
V/ns
4
Default
0.52
0.82
1.26
V/ns
3
Default
0.37
0.58
0.88
V/ns
2
Default
0.26
0.40
0.61
V/ns
1
Default
0.17
0.27
0.40
V/ns
0
Default
0.10
0.16
0.23
V/ns
12.Minimum and maximum values are taken at 70°C, 2.5 V and −30°C, 3.1 V. The loading used is 10 pF.
Table 12. I/O FALL SLEW RATE (2.8 V VDD_IO) (Note 13)
Parallel Slew (R0x306E[15:13])
Condition
Min
Typ
Max
Unit
7
Default
1.40
2.30
3.50
V/ns
6
Default
0.97
1.61
2.48
V/ns
5
Default
0.73
1.21
1.86
V/ns
4
Default
0.54
0.88
1.36
V/ns
3
Default
0.39
0.63
0.88
V/ns
2
Default
0.27
0.43
0.66
V/ns
1
Default
0.18
0.29
0.44
V/ns
0
Default
0.11
0.17
0.25
V/ns
13.Minimum and maximum values are taken at 70°C, 2.5 V and −30°C, 3.1 V. The loading used is 10 pF.
Table 13. I/O RISE SLEW RATE (1.8 V VDD_IO) (Note 14)
Parallel Slew (R0x306E[15:13])
Condition
Min
Typ
Max
Unit
7
Default
0.57
0.91
1.55
V/ns
6
Default
0.39
0.61
1.02
V/ns
5
Default
0.29
0.46
0.75
V/ns
4
Default
0.22
0.34
0.54
V/ns
3
Default
0.16
0.24
0.39
V/ns
2
Default
0.12
0.17
0.27
V/ns
1
Default
0.08
0.11
0.18
V/ns
0
Default
0.05
0.07
0.10
V/ns
14.Minimum and maximum values are taken at 70°C, 1.7 V and −30°C, 1.95 V. The loading used is 10 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com