Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 31 Page - ON Semiconductor

Part # AR0130CS
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 27Page - ON Semiconductor AR0130CS Datasheet HTML 28Page - ON Semiconductor AR0130CS Datasheet HTML 29Page - ON Semiconductor AR0130CS Datasheet HTML 30Page - ON Semiconductor AR0130CS Datasheet HTML 31Page - ON Semiconductor AR0130CS Datasheet HTML 32Page - ON Semiconductor AR0130CS Datasheet HTML 33Page - ON Semiconductor AR0130CS Datasheet HTML 34Page - ON Semiconductor AR0130CS Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AR0130CS
www.onsemi.com
31
Table 14. I/O FALL SLEW RATE (1.8 V VDD_IO) (Note 15)
Parallel Slew (R0x306E[15:13])
Condition
Min
Typ
Max
Unit
7
Default
0.57
0.92
1.55
V/ns
6
Default
0.40
0.64
1.08
V/ns
5
Default
0.31
0.50
0.82
V/ns
4
Default
0.24
0.38
0.61
V/ns
3
Default
0.18
0.27
0.44
V/ns
2
Default
0.13
0.19
0.31
V/ns
1
Default
0.09
0.13
0.20
V/ns
0
Default
0.05
0.08
0.12
V/ns
15.Minimum and maximum values are taken at 70°C, 1.7 V and −30°C, 1.95 V. The loading used is 10 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com