Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 35 Page - ON Semiconductor

Part # AR0130CS
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 31Page - ON Semiconductor AR0130CS Datasheet HTML 32Page - ON Semiconductor AR0130CS Datasheet HTML 33Page - ON Semiconductor AR0130CS Datasheet HTML 34Page - ON Semiconductor AR0130CS Datasheet HTML 35Page - ON Semiconductor AR0130CS Datasheet HTML 36Page - ON Semiconductor AR0130CS Datasheet HTML 37Page - ON Semiconductor AR0130CS Datasheet HTML 38Page - ON Semiconductor AR0130CS Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AR0130CS
www.onsemi.com
35
Power-Down Sequence
The recommended power-down sequence for the AR0130
is shown in Figure 32. The available power supplies
(VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA, VAA_PIX)
must have the separation specified below.
1. Disable streaming if output is active by setting
standby R0x301a[2] = 0.
2. The soft standby state is reached after the current
row or frame, depending on configuration, has
ended.
3. Turn off VDD_SLVS, if used.
4. Turn off VDD_IO.
5. Turn off VDD.
6. Turn off VAA/VAA_PIX.
7. Turn off VDD_PLL.
Figure 32. Power Down
EXTCLK
VDD_PLL (2.8)
VDD_IO (1.8/2.8)
VDD (1.8)
VDD_SLVS
t0
Power Down until Next
Power Up Cycle
t1
t2
t3
t4
VAA_PIX
VAA (2.8)
Table 20. POWER-DOWN SEQUENCE
Symbol
Parameter
Min
Typ
Max
Unit
t0
VDD_SLVS to VDD_IO
0
–
–
ms
t1
VDD_IO to VDD
0
–
–
ms
t2
VDD to VAA/VAA_PIX
0
–
–
ms
t3
VAA/VAA_PIX to VDD_PLL
0
–
–
ms
t4
PwrDn until Next PwrUp Time
100
–
–
ms
22.t4 is required between power down and next power up time; all decoupling caps from regulators must be completely discharged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com