Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 34 Page - ON Semiconductor

Part # AR0130CS
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 34 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 30Page - ON Semiconductor AR0130CS Datasheet HTML 31Page - ON Semiconductor AR0130CS Datasheet HTML 32Page - ON Semiconductor AR0130CS Datasheet HTML 33Page - ON Semiconductor AR0130CS Datasheet HTML 34Page - ON Semiconductor AR0130CS Datasheet HTML 35Page - ON Semiconductor AR0130CS Datasheet HTML 36Page - ON Semiconductor AR0130CS Datasheet HTML 37Page - ON Semiconductor AR0130CS Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AR0130CS
www.onsemi.com
34
POWER-ON RESET AND STANDBY TIMING
Power-Up Sequence
The recommended power-up sequence for the AR0130 is
shown in Figure 31. The available power supplies (VDD_IO,
VDD, VDD_SLVS, VDD_PLL, VAA, VAA_PIX) must have
the separation specified below.
1. Turn on VDD_PLL power supply.
2. After 0−10
ms, turn on VAA and VAA_PIX power
supply.
3. After 0−10
ms, turn on VDD power supply.
4. After 0−10
ms, turn on VDD_IO power supply.
5. After the last power supply is stable, enable
EXTCLK.
6. Assert RESET_BAR for at least 1 ms.
7. Wait 150,000 EXTCLKs (for internal initialization
into software standby).
8. Configure PLL, output, and image settings to
desired values.
9. Wait 1 ms for the PLL to lock.
10. Set streaming mode (R0x301a[2] = 1).
Figure 31. Power Up
EXTCLK
VDD_SLVS
VAA_PIX
VAA (2.8)
VDD_IO (1.8/2.8)
VDD (1.8)
VDD_PLL (2.8)
t0
t1
t2
t3
t4
t5
t6
tX
Hard
Reset
Internal Ini-
tialization
Software
Standby
PLL Clock
Streaming
RESET_BAR
Table 19. POWER-UP SEQUENCE
Symbol
Definition
Min
Typ
Max
Unit
t0
VDD_PLL to VAA/VAA_PIX (Note 20)
0
10
–
ms
t1
VAA/VAA_PIX to VDD
0
10
–
ms
t2
VDD to VDD_IO
0 (Note 21)
10
–
ms
t3
VDD_IO to VDD_SLVS
0
10
–
ms
tX
Xtal Settle Time
–
30 (Note 18)
–
ms
t4
Hard Reset
1 (Note 19)
–
–
ms
t5
Internal Initialization
150,000
–
–
EXTCLKs
t6
PLL Lock Time
1
–
–
ms
18.Xtal settling time is component-dependent, usually taking about 10–100 ms.
19.Hard reset time is the minimum time required after power rails are settled. In a circuit where hard reset is held down by RC circuit, then the
RC time must include the all power rail settle time and Xtal settle time.
20.It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered before or at least at the same time as the
others. If the case happens that VDD_PLL is powered after other supplies then the sensor may have functionality issues and will experience
high current draw on this supply.
21.For the case where VDD_IO is 2.8 V and VDD is 1.8 V, it is recommended that the minimum time be 5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com