Electronic Components Datasheet Search
  English  ▼

X  

TL432LI Datasheet(PDF) 21 Page - Texas Instruments

Part # TL432LI
Description  TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL432LI Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL432LI Datasheet HTML 17Page - Texas Instruments TL432LI Datasheet HTML 18Page - Texas Instruments TL432LI Datasheet HTML 19Page - Texas Instruments TL432LI Datasheet HTML 20Page - Texas Instruments TL432LI Datasheet HTML 21Page - Texas Instruments TL432LI Datasheet HTML 22Page - Texas Instruments TL432LI Datasheet HTML 23Page - Texas Instruments TL432LI Datasheet HTML 24Page - Texas Instruments TL432LI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
VO
TL43xLIx
VI(BATT)
R1
R2
V
O
1
R1
R2
V
ref
=
+
(
(
Copyright © 2017, Texas Instruments Incorporated
VO
TL43xLIx
VI(BATT)
uA7805
IN
OUT
Common
R1
R2
V
O
1
R1
R2
V
ref
Minimum V
O
V
ref
5 V
=
+
=
+
(
(
Copyright © 2017, Texas Instruments Incorporated
R
(see Note A)
VO
TL43xLIx
VI(BATT)
2N222
2N222
4.7 kΩ
R1
0.1%
R2
0.1%
0.01 µF
30 Ω
O
ref
R1
V
= 1 +
V
R2
æ
ö
ç
÷
è
ø
Copyright © 2017, Texas Instruments Incorporated
21
TL431LI
TL432LI
www.ti.com
SLVSDQ6A – JULY 2018 – REVISED NOVEMBER 2018
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.3 System Examples
A.
R should provide cathode current
≥1 mA to the TL431LI at minimum V(BATT).
Figure 27. Precision High-Current Series Regulator
Figure 28. Output Control of a Three-Terminal Fixed Regulator
Figure 29. High-Current Shunt Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com