Electronic Components Datasheet Search
  English  ▼

X  

TL432LI Datasheet(PDF) 1 Page - Texas Instruments

Part # TL432LI
Description  TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL432LI Datasheet(HTML) 1 Page - Texas Instruments

  TL432LI Datasheet HTML 1Page - Texas Instruments TL432LI Datasheet HTML 2Page - Texas Instruments TL432LI Datasheet HTML 3Page - Texas Instruments TL432LI Datasheet HTML 4Page - Texas Instruments TL432LI Datasheet HTML 5Page - Texas Instruments TL432LI Datasheet HTML 6Page - Texas Instruments TL432LI Datasheet HTML 7Page - Texas Instruments TL432LI Datasheet HTML 8Page - Texas Instruments TL432LI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Vref
Input
VKA
IKA
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TL431LI
TL432LI
SLVSDQ6A – JULY 2018 – REVISED NOVEMBER 2018
TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
1
1 Features
1
•
Reference Voltage Tolerance at 25°C
–
0.5% (B Grade)
–
1% (A Grade)
•
Minimum Typical Output Voltage: 2.495 V
•
Adjustable Output Voltage: Vref to 36 V
•
Operation From
−40°C to +125°C (Q Temp)
•
Maximum Temperature Drift
–
10 mV (C Temp)
–
17 mV (I Temp)
–
27 mV (Q Temp)
•
0.3-Ω Typical Output Impedance
•
Sink-Current Capability
–
Imin = 1 mA (max)
–
IKA = 15 mA (max)
•
Reference Input Current IREF: 0.4 μA (max)
•
Deviation of Reference Input Current over
Temperature, II(dev): 0.3 μA (max)
2 Applications
•
Adjustable Voltage and Current Referencing
•
Secondary Side Regulation in Flyback SMPS
•
Zener Diode Replacement
•
Voltage Monitoring
•
Precision Constant Current Sink/Source
•
Comparator with Integrated Reference
3 Description
The TL431LI device is a three-terminal adjustable
shunt regulator, with specified thermal stability over
applicable
automotive,
commercial,
and
military
temperature ranges. The output voltage can be set to
any value between Vref (approximately 2.495 V) and
36 V, with two external resistors. These devices have
a typical output impedance of 0.3 Ω. Active output
circuitry provides a very sharp turn-on characteristic,
making these devices excellent replacements for
Zener diodes in many applications, such as onboard
regulation, adjustable power supplies, and switching
power supplies. This device is a pin-to-pin alternative
to the industry standard TL431, with optimized Iref and
IIdev performance. The lower Iref and IIdev values
enable designers to achieve higher system accuracy
and lower leakage current. The TL432LI device has
exactly
the
same
functionality
and
electrical
specifications as the TL431LI device, but has a
different pinout for the DBZ package.
The TL431LI device is offered in two grades, with
initial tolerances (at 25°C) of 0.5% and 1%, for the B
and A grade, respectively. In addition, low output drift
versus temperature ensures good stability over the
entire temperature range.
The
TL43xLIxQ
devices
are
characterized
for
operation from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
TL43xLI
SOT-23 (3)
2.90 mm x 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TL432LI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432LI TI1-TL432LI Datasheet
777Kb / 32P
Programmable Shunt Regulator with Optimized Reference Current
TL432LI TI1-TL432LI Datasheet
774Kb / 32P
Programmable Shunt Regulator with Optimized Reference Current
TL432LI TI1-TL432LI Datasheet
851Kb / 34P
Programmable Shunt Regulator With Optimized Reference Current
TL432LI TI1-TL432LI Datasheet
852Kb / 34P
TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
TL432LI-Q1 TI1-TL432LI-Q1 Datasheet
851Kb / 34P
Programmable Shunt Regulator With Optimized Reference Current
More results

Similar Description - TL432LI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
STMicroelectronics
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
Programmable shunt voltage reference
23-Nov-2015
logo
Texas Instruments
TL431LI TI1-TL431LI Datasheet
777Kb / 32P
Programmable Shunt Regulator with Optimized Reference Current
TL431LI TI1-TL431LI_18 Datasheet
774Kb / 32P
Programmable Shunt Regulator with Optimized Reference Current
TL431LI-Q1 TI1-TL431LI-Q1 Datasheet
851Kb / 34P
Programmable Shunt Regulator With Optimized Reference Current
TL431LI-Q1 TI1-TL431LI-Q1_V01 Datasheet
852Kb / 34P
TL431LI-Q1 / TL432LI-Q1 Programmable Shunt Regulator With Optimized Reference Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com