Electronic Components Datasheet Search
  English  ▼

X  

TL432LI Datasheet(PDF) 6 Page - Texas Instruments

Part # TL432LI
Description  TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL432LI Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL432LI Datasheet HTML 2Page - Texas Instruments TL432LI Datasheet HTML 3Page - Texas Instruments TL432LI Datasheet HTML 4Page - Texas Instruments TL432LI Datasheet HTML 5Page - Texas Instruments TL432LI Datasheet HTML 6Page - Texas Instruments TL432LI Datasheet HTML 7Page - Texas Instruments TL432LI Datasheet HTML 8Page - Texas Instruments TL432LI Datasheet HTML 9Page - Texas Instruments TL432LI Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
-1.8
-1.65
-1.5
-1.35
-1.2
-1.05
VKA = 3 V to 36 V
D006
D006
D006
VKA - Cathode Voltage -V
0
0.5
1
1.5
2
2.5
3
-3
0
3
6
9
12
15
VKA = Vref
TA = 25°C
D003
TA - Free-Air Temperature - °C
-50
-25
0
25
50
75
100
125
0
0.008
0.016
0.024
0.032
0.04
0.048
0.056
0.064
VKA = 36 V
VREF = 0 V
D004
TA - Free-Air Temperature - °C
-50
-25
0
25
50
75
100 125 150
2.4855
2.487
2.4885
2.49
2.4915
2.493
2.4945
2.496
2.4975
2.499
2.5005
Vka = Vref
IKA = 1 mA
Book
D001
TA - Free-Air Temperature - °C
-50
-25
0
25
50
75
100
125
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
IKA = 1 mA
D002
6
TL431LI
TL432LI
SLVSDQ6A – JULY 2018 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Typical Characteristics
Data at high and low temperatures are applicable only within the recommended operating free-air temperature
ranges of the various devices.
Figure 1. Reference Voltage vs Free-Air Temperature
Figure 2. Reference Current vs Free-Air Temperature
Figure 3. Cathode Current vs Cathode Voltage
Figure 4. Off-State Cathode Current
vs Free-Air Temperature
Figure 5. Ratio of Delta Reference Voltage to Delta Cathode Voltage vs Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com