Electronic Components Datasheet Search
  English  ▼

X  

TL432LI Datasheet(PDF) 24 Page - Texas Instruments

Part # TL432LI
Description  TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL432LI Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL432LI Datasheet HTML 20Page - Texas Instruments TL432LI Datasheet HTML 21Page - Texas Instruments TL432LI Datasheet HTML 22Page - Texas Instruments TL432LI Datasheet HTML 23Page - Texas Instruments TL432LI Datasheet HTML 24Page - Texas Instruments TL432LI Datasheet HTML 25Page - Texas Instruments TL432LI Datasheet HTML 26Page - Texas Instruments TL432LI Datasheet HTML 27Page - Texas Instruments TL432LI Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
TL43xLIx
RS
0.1%
IO
VI(BATT)
I
O
V
ref
R
S
=
Copyright © 2017, Texas Instruments Incorporated
TL43xLIx
IO
RCL
0.1%
R1
VI(BATT)
Iout
V
ref
R
CL
I
KA
R1
V
I(BATT)
I
O
h
FE
I
KA
+
+
=
=
Copyright © 2017, Texas Instruments Incorporated
24
TL431LI
TL432LI
SLVSDQ6A – JULY 2018 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
System Examples (continued)
Figure 36. Precision Current Limiter
Figure 37. Precision Constant-Current Sink
11 Power Supply Recommendations
When using TL43xLI as a Linear Regulator to supply a load, designers typically use a bypass capacitor on the
output/cathode pin. When doing this, be sure that the capacitance is within the stability criteria shown in
Figure 12.
In order to not exceed the maximum cathode current, be sure that the supply voltage is current limited. Also, be
sure to limit the current being driven into the Ref pin, as not to exceed it's absolute maximum rating.
For applications shunting high currents, pay attention to the cathode and anode trace lengths, adjusting the width
of the traces to have the proper current density.
12 Layout
12.1 Layout Guidelines
Bypass capacitors should be placed as close to the part as possible. Current-carrying traces need to have widths
appropriate for the amount of current they are carrying; in the case of the TL43xLIx, these currents are low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com